Electronic Components Datasheet Search
  English  ▼

X  

EL8 Datasheet(PDF) 8 Page - Leadshine Technology Co., Ltd.

Part # EL8
Description  EL8-EC Series AC Servo Drives - 220V
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

EL8 Datasheet(HTML) 8 Page - Leadshine Technology Co., Ltd.

Back Button EL8 Datasheet HTML 4Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 5Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 6Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 7Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 8Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 9Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 10Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 11Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 12Page - Leadshine Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Datasheet of EL8 Series
www.leadshine.com
8
Motor Power Supply X2
Pin
Label
Explanation
Remarks
U
U terminal
To motor U terminal
① Please make sure U, V, W terminals
of driver and motor are correctly
connected.
② Connect motor PE to driver PE and
ground.
V
V terminal
To motor V terminal
W
W terminal
To motor W terminal
PE
PE
Motor frame
Holding Brake X3
Pin
Label
Explanation
BR+
(BR1)
Brake positive terminal
Connect to external power supply 24v
negative terminal
BR- (BR2)
Brake negative terminal
Connect to motor brake terminal 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com