Electronic Components Datasheet Search
  English  ▼

X  

EL8 Datasheet(PDF) 1 Page - Leadshine Technology Co., Ltd.

Part # EL8
Description  EL8-EC Series AC Servo Drives - 220V
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

EL8 Datasheet(HTML) 1 Page - Leadshine Technology Co., Ltd.

  EL8 Datasheet HTML 1Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 2Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 3Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 4Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 5Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 6Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 7Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 8Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 9Page - Leadshine Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Datasheet of EL8 Series
www.leadshine.com
1
EL8-EC Series AC Servo Drives - 220V
EL8-EC Series AC Servo Product is a whole new high-end AC servo drivers and motors product
range that we have proudly developed at Leadshine Technology Co.,Ltd. EL8-EC series AC servo
drivers range from power rating of 450W up to 2000W. Our EL8-EC series AC servo drivers supports
EtherCAT communication protocol which can be seamlessly connected to motion controllers
(PLC)/drivers that support this standard protocol.
Besides our standard servo driver features such as dynamic braking and internal holding brake
which comes with internal regenerative resistor, our EL8-EC drivers now also comes with Safe
Torque Off (STO) function, Gantry synchronization, Full Closed Loop functionalities and much more.
Highlights
○
1
EE
AA
Supports 1ph/3ph 220VAC main power supply
AA
○
2
EE
AA
Supports 2
nd external encoder
AA
○
3
EE
AA
Can be connected to position sensor or grating ruler
for full closed loop control
AA
○
4
EE
AA
Equipped with notch filter, damping filter
AA
○
5
EE
AA
Built-in regenerative resistor
AA
○
6
EE
AA
Comes with Safe Torque Off (STO) SIL3
AA
○
7
EE
AA
Motors automatically identified once connected
AA
○
8
EE
AA
23-bit multiturn magnetic/optical encoder
AA
○
9
EE
AA
Whole new front panel with warning indicator
Technical Specification
EL8-EC Series Driver
EL8-EC400F
EL8-EC750F
L8EC-1000F
EL8-EC1500F
EL8-EC2000F
Power Rating
400W
750W
1000W
1500W
2000W
Rated Current (A)
2.8
5.5
7.0
9.5
12
Peak Current (A)
9.3
16.9
21.2
31.1
36
Control circuit power supply
1-Ph AC 200V-240V, -10% - +10%, 50/60Hz
Main power supply
1-Ph/3-Ph AC 200V-240V,-10% - +10%, 50/60Hz
Regenerative
resistor
Resistance(
Ω)
100
50
50
Power rating(W)
50
75
80
Cooling method
Air-cooled
Fan-cooled
Dimension H*L*W(mm)
150*150*43
150*160*55
168*183*80
Ports
Descriptions
USB Type-C
Modify / read driver parameters without connecting to main power supply
Crossover Frequency
Output
Supports phase A/B/Z differential crossover frequency output
Supports phase Z open collector crossover frequency output
Analog Input
2 analog inputs(AI1/AI2),-10V~+10V, Max. voltage: ±12V
Analog Output
2 analog outputs(AO1/AO2), -10V~+10V
Digital Input
8 Digital Inputs (Supports common anode or cathode connection)
1. Clear Alarm (A-CLR)
2. Positive limit switch (POT)
3. Negative limit switch (NOT)
4. Homing switch (HOME-SWITCH)
5. Emergency stop (E-Stop)


Similar Part No. - EL8

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
EL8000-CA ULTRALIFE-EL8000-CA Datasheet
5Mb / 2P
Commercial case with integrated wheels and tow handle
Rev 1.3
EL8000-MCS ULTRALIFE-EL8000-MCS Datasheet
3Mb / 2P
Edgeline series of rugged cases
Rev 5.5
EL8000-MCS-G ULTRALIFE-EL8000-MCS-G Datasheet
3Mb / 2P
Edgeline series of rugged cases
Rev 5.5
EL8000-MCS-G ULTRALIFE-EL8000-MCS-G Datasheet
2Mb / 2P
Edgeline UPS Accessory Case
Rev 1.0
EL8000-MCS-T ULTRALIFE-EL8000-MCS-T Datasheet
3Mb / 2P
Edgeline series of rugged cases
Rev 5.5
More results

Similar Description - EL8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PK55FG ETC2-PK55FG Datasheet
91Kb / 2P
AC/DC motor drives
logo
MotionKing Motor Indust...
AS40 MOTIONKING-AS40 Datasheet
187Kb / 2P
AC Servo Motors
AS60 MOTIONKING-AS60 Datasheet
175Kb / 3P
AC Servo Motors
AS90 MOTIONKING-AS90 Datasheet
156Kb / 2P
AC Servo Motors
AS110 MOTIONKING-AS110 Datasheet
166Kb / 3P
AC Servo Motors
AS150 MOTIONKING-AS150 Datasheet
165Kb / 2P
AC Servo Motors
logo
ORION FANS
PSG ORIONFANS-PSG Datasheet
5Mb / 8P
AC & EC FANS
logo
Leadshine Technology Co...
EL6-RS LEADSHINE-EL6-RS Datasheet
1Mb / 14P
EL6-RS Series AC Servo Drives – 220VAC
EL7 LEADSHINE-EL7 Datasheet
1Mb / 29P
EL7-EC Series AC Servo Drives - 220V
ELP LEADSHINE-ELP Datasheet
668Kb / 7P
ELP Series AC Servo Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com