Electronic Components Datasheet Search
  English  ▼

X  

EL8 Datasheet(PDF) 4 Page - Leadshine Technology Co., Ltd.

Part # EL8
Description  EL8-EC Series AC Servo Drives - 220V
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

EL8 Datasheet(HTML) 4 Page - Leadshine Technology Co., Ltd.

  EL8 Datasheet HTML 1Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 2Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 3Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 4Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 5Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 6Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 7Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 8Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 9Page - Leadshine Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Datasheet of EL8 Series
www.leadshine.com
4
Ports and connectors
I/O signal CN1
Encoder #1 (Motor) CN2
Port
Diagram
Pin
Label
Signal
Description
CN1
1
13
12
2
25
26
15
14
6
DI-COM
Input
Common digital input
5
DI1
-
Digital input 1
7
DI2
POT
Positive limit switch
8
DI3
NOT
Negative limit switch
9
DI4
HOME-SWITCH
Homing switch
10
DI5
-
Digital input 5
Supports probe
latching
compensation
11
DI6
-
Digital input 6
12
DI7
-
Digital input 7
13
DI8
-
Digital input 8
1
DO1+
BRK-OFF+
External brake released signal
2
DO1-
BRK-OFF-
25
DO2+
S-RDY+
Servo ready signal output
26
DO2-
S-RDY-
3
DO3+
ALM+
Alarm output
4
DO3-
ALM-
17
A+
Differential
output
Phase A crossover frequency output
18
A-
20
B+
Phase B crossover frequency output
19
B-
21
Z+
Phase Z crossover frequency output
22
Z-
16
GND
Signal ground
Signal ground
14
AI1+
AI1
Analog input 1
15
AI1-
16
AI2+
AI2
Analog input 2
17
AI2-
Frame
FG
Ground
Port
Diagram
Pin
Signal
Explanation
CN2
1
VCC5V
Power supply 5V
2
GND
Power supply ground
3
BAT+
Battery positive terminal
4
BAT-
Battery negative terminal
5
SD+
SSI Data+
6
SD-
SSI Data-
Frame
PE
Shield grounding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com