Electronic Components Datasheet Search
  English  ▼

X  

EL8 Datasheet(PDF) 7 Page - Leadshine Technology Co., Ltd.

Part # EL8
Description  EL8-EC Series AC Servo Drives - 220V
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

EL8 Datasheet(HTML) 7 Page - Leadshine Technology Co., Ltd.

Back Button EL8 Datasheet HTML 3Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 4Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 5Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 6Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 7Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 8Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 9Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 10Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 11Page - Leadshine Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Datasheet of EL8 Series
www.leadshine.com
7
Main/Control circuit power supply X1
Pin
Label
Explanation
Remarks
L1C
Control circuit L1
Control circuit power
supply. Single phase
220VAC
① Optional isolated switching
power supply;
② Connecting to 380VAC will
cause damage to driver;
③ Line filter is suggested in
environment with strong
interference;
Use a fuseless circuit breaker
to turn on/off power supply to
driver.
L2C
Control circuit L2
L1
Main power supply L1
Single phase 220VAC.
Supports 1ph/3ph
220VAC,-10%~
+10%,50/60Hz
L2
Main power supply L2
L3
Main power supply L3
P +
DC Bus positive
terminal
1. Internal DC bus positive
terminal
2 、 External regenerative
resistor P terminal
Connect B1 and B2 to use
internal regenerative resistor
If an external regenerative
resistor is needed,connect it
to P+ and B2,disconnect B1
and B2.
B1
Regenerative resistor
terminal
Internal regenerative
resistant drawing terminal
B2
Regenerative resistor
terminal
Internal IGBT transistor
N
DC Bus negative
terminal
Internal DC bus negative
terminal
Please don’t connect to any
cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com