Electronic Components Datasheet Search
  English  ▼

X  

EL8 Datasheet(PDF) 13 Page - Leadshine Technology Co., Ltd.

Part # EL8
Description  EL8-EC Series AC Servo Drives - 220V
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

EL8 Datasheet(HTML) 13 Page - Leadshine Technology Co., Ltd.

Back Button EL8 Datasheet HTML 9Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 10Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 11Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 12Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 13Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 14Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 15Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 16Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 17Page - Leadshine Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Datasheet of EL8 Series
www.leadshine.com
13
Ports and connectors
CN6:STO
USB Type-C
tuning port
CN2:Motor encoder
CN1:I/O signals
Front panel
CN7:2nd encoder
Holding brake 24VDC
(BR+、BR-)
Protective
Earth PE
Motor power
connectors
Main power supply
input
Power on
indicator light
CN3、CN4:RS485
communication port
Connector
Label
CN1
I/O signal connector(50PIN)
CN2
Motor encoder feedback
CN3
RS485 Communication port
CN4
RS485 Communication port
CN6
STO Safety Torque Off port
CN7
2
nd encoder (external)
X1
Main/Control circuit power supply
X2
Motor power supply
X3
Holding brake terminal
PC
USB type C port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com