Electronic Components Datasheet Search
  English  ▼

X  

CYA112 Datasheet(PDF) 4 Page - Endress+Hauser Group Services AG

Part # CYA112
Description  Immersion assembly for water and wastewater
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CYA112 Datasheet(HTML) 4 Page - Endress+Hauser Group Services AG

  CYA112 Datasheet HTML 1Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 2Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 3Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 4Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 5Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 6Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 7Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 8Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Flexdip CYA112
4
Endress+Hauser
M36
M36
G 1"
A0037925
 3
Example of immersion tube with screw-in connecting pipe
PVC version
Available lengths From 600 mm (23.6 in), are delivered in pieces measuring 600 mm (23.6 in) and
1200 mm (47.2 in)
Maximum length 2400 mm (94.5)
Immersion tubes measuring up to 1200 mm (47.2 in), straight or with 45° connecting pipe, are
ready to install on delivery. Tubes longer than 1200 mm (47.2 in) must be glued by the client on
site. The necessary materials (glue (depending on the version), cleaning cloths, adhesive fitting) are
included in the delivery.
In the case of the chain retainer, the PVC assemblies are fitted with stainless steel weights for
stabilization purposes (prevent buoyancy).
‣ Use 1 weight for an immersion tube measuring 600 mm (23.6 in), use 2 weights for an
immersion tube measuring 1200 mm (47.2 in).
1
2
3
4
5
6
A0010874
 4
PVC pipe connection 1800 mm (70.9 in), 45°
1
Immersion tube
2
Adhesive fitting
3
Immersion tube
4
Adhesive fitting 45°
6
Sensor adapter G 1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com