Electronic Components Datasheet Search
  English  ▼

X  

CYA112 Datasheet(PDF) 11 Page - Endress+Hauser Group Services AG

Part # CYA112
Description  Immersion assembly for water and wastewater
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CYA112 Datasheet(HTML) 11 Page - Endress+Hauser Group Services AG

Back Button CYA112 Datasheet HTML 7Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 8Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 9Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 10Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 11Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 12Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 13Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 14Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 15Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Flexdip CYA112
Endress+Hauser
11
Process
Process temperature range
0 to 60 °C (32 to 140 °F)
Process pressure range
Unpressurized installation
Mechanical construction
Design, dimensions
x
35
(1.38)
35
(1.38)
A0011042
 17
Immersion tube, stainless steel version
x
Variable length
203 (8)
102 (4)
A0037931
 18
Dimensions of mounted quick fastener with sensor adapter Pg 13.5. Engineering unit: mm (in)
Dimensions
Immersion tube (PVC)
Ø 40 mm (1.6 in), lengths: 600 mm (23.6 in), 1200 mm (47.2 in),
1800 mm (70.9 in), 2400 mm (94.5)
Immersion tube (stainless
steel)
Ø 40 mm (1.6 in), lengths: 600 mm (23.6 in), 1200 mm (47.2 in),
1800 mm (70.9 in), 2400 mm (94.5), 3600 mm (141.7 in)
Weight
• Immersion tube (PVC)
• Length 600 mm (23.6 in): 0.3 kg (0.7 lb)
• Length 1200 mm (47.2 in): 0.6 kg (1.3 lb)
• Length 1800 mm (70.9 in): 0.95 kg (2.1 lb)
• Length 2400 mm (94.5): 1.3 kg (2.8 lb)
• Immersion tube (stainless steel)
• Length 600 mm (23.6 in): 0.6 kg (1.3 lb)
• Length 1200 mm (47.2 in): 1.2 kg (2.6 lb)
• Length 1800 mm (70.9 in): 1.8 kg (4.0 lb)
• Length 2400 mm (94.5): 2.4 kg (5.3 lb)
• Length 3600 mm (141.7 in): 3.5 kg (7.7 lb)
• Multifunctional clamp ring: 0.15 kg (0.33 lb)
• Weight for PVC immersion tube: 0.32 kg (0.71 lb)
Materials
Immersion tube:
Stainless steel 1.4404 (AISI 316 L) or PVC
Connecting pipe:
Stainless steel 1.4404 (AISI 316 L) or PVC
Weld-on threads:
Stainless steel 1.4571 (AISI 316 Ti) or PVC
Sensor adapter:
POM - GF
Quick fastener:
POM - GF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com