Electronic Components Datasheet Search
  English  ▼

X  

CYA112 Datasheet(PDF) 8 Page - Endress+Hauser Group Services AG

Part # CYA112
Description  Immersion assembly for water and wastewater
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CYA112 Datasheet(HTML) 8 Page - Endress+Hauser Group Services AG

Back Button CYA112 Datasheet HTML 4Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 5Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 6Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 7Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 8Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 9Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 10Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 11Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 12Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Flexdip CYA112
8
Endress+Hauser
Immersion tube, chain
2
3
1
4
A0011020
 13
CYA112, angled with chain retainer
1
Multifunctional clamp ring with bracket
2
PVC immersion tube 1200 mm (47.2 in)
3
Adhesive fitting 45°
4
Sensor adapter G 1"
2
3
1
A0010871
 14
CYA112, straight with chain retainer
1
Multifunctional clamp ring with bracket
2
PVC immersion tube 1200 mm (47.2 in)
3
Sensor adapter G 1"
Power supply
Potential equalization
Potential equalization must be implemented at the place of installation. All electrically conductive
parts must be interconnected.
For use in hazardous areas:
• There must be an electrically conductive connection between the immersion tube side of the
assembly and the holder/fastener.
• If the assembly is secured using a chain and retaining bracket, a separate conductor for potential
matching must be routed alongside the measuring cable.
• If sensors have accessible metal surfaces, these sensors must be included in the potential
equalization system as indicated in the Operating Instructions for the sensor in question.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com