Electronic Components Datasheet Search
  English  ▼

X  

CYA112 Datasheet(PDF) 5 Page - Endress+Hauser Group Services AG

Part # CYA112
Description  Immersion assembly for water and wastewater
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CYA112 Datasheet(HTML) 5 Page - Endress+Hauser Group Services AG

  CYA112 Datasheet HTML 1Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 2Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 3Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 4Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 5Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 6Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 7Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 8Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Flexdip CYA112
Endress+Hauser
5
1
2
3
4
A0037927
 5
PVC pipe connection 1800 mm (70.9 in), straight
1
Immersion tube
2
Adhesive fitting
3
Immersion tube
4
Sensor adapter G 1"
Version with float
The assembly with a float is only available as a PVC version. The immersion depth of the sensors
(depending on the sensor) is 600 mm (23.6 in). The assembly is preferably operated with the
CYH112 pendulum holder. The installation is performed on site at the customer's premises. The float
version does not contain any weights. This version is designed to compensate for varying water/
wastewater levels.
1
2
3
4
5
A0010875
 6
Version with float
1
Immersion tube PVC
2
Adhesive fitting 45°
3
Float
4
Immersion tube
5
Sensor adapter G 1"
2
1
3
A0037928
 7
Float with pendulum holder
1
Pendulum holder
2
Cross clamp
3
Assembly with float
Immersion tube length (item 1)
Maximum stroke (difference in level)
600 mm (23.6 in)
400 mm (15.8 in)
1200 mm (47.2 in)
1000 mm (39.4 in)
1800 mm (70.9 in)
1600 mm (63 in)
2400 mm (94.5 in)
2200 mm (86.6 in)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com