Electronic Components Datasheet Search
  English  ▼

X  

CYA112 Datasheet(PDF) 18 Page - Endress+Hauser Group Services AG

Part # CYA112
Description  Immersion assembly for water and wastewater
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CYA112 Datasheet(HTML) 18 Page - Endress+Hauser Group Services AG

Back Button CYA112 Datasheet HTML 14Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 15Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 16Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 17Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 18Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 19Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 20Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 21Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 22Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Flexdip CYA112
18
Endress+Hauser
Ø 22 (0.87)
Ø 26.5 (1.04)
G 1"
Ø 40
(1.57)
Ø 30.3
(1.19)
Pg 13.5
A0035736
 27
Sensor adapter G 1" to Pg 13.5. Engineering unit: mm (in)
Immersion tube
• Connection thread: M36
• Material: stainless steel
• Length x = 600 mm (23.6 in) order number: 71073767
• Length x = 1200 mm (47.3 in) order number: 71073706
x
35
(1.38)
35
(1.38)
A0011042
 28
Immersion tube. Dimensions: mm (in)
Straight connecting pipe for immersion tube
• M36 to G 1"
• Material: stainless steel
• Order number: 71073768



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com