Electronic Components Datasheet Search
  English  ▼

X  

CYA112 Datasheet(PDF) 10 Page - Endress+Hauser Group Services AG

Part # CYA112
Description  Immersion assembly for water and wastewater
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CYA112 Datasheet(HTML) 10 Page - Endress+Hauser Group Services AG

Back Button CYA112 Datasheet HTML 6Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 7Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 8Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 9Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 10Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 11Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 12Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 13Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 14Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Flexdip CYA112
10
Endress+Hauser
1
2
3
4
A0011111
 16
Cable routing
1
Splash protection cap
2
Sensor cable
3
Rubber plug
4
Immersion tube
Mounting Memosens sensors
1. Route the sensor cable through the immersion tube.
2. Connect the sensor cable to the sensor.
3. Screw the sensor into the adapter or the connecting pipe.
4. Shorten the tip of the rubber plug to match the cable diameter.
5. Fit the rubber plug onto the sensor cable.
6. Press the rubber plug onto the immersion tube.
7. Route the sensor cable downwards in a loop (do not bend).
8. Fit the splash protection cap.
 The splash protection cap is fixed in place by the lip of the rubber plug.
Mounting sensors with a fixed cable
1. Route the sensor cable through the immersion tube.
2. Screw the sensor into the adapter or the connecting pipe.
3. In doing so, turn the assembly and not the sensor to ensure that the sensor cable is not
twisted.
4. Shorten the tip of the rubber plug to match the cable diameter.
5. Fit the rubber plug onto the sensor cable.
6. Press the rubber plug onto the immersion tube.
7. Route the sensor cable downwards in a loop (do not bend).
8. Fit the splash protection cap.
 The splash protection cap is fixed in place by the lip of the rubber plug.
Environment
Ambient temperature range
-20 to 60 °C (-4 to 140 °F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com