Electronic Components Datasheet Search
  English  ▼

X  

CYA112 Datasheet(PDF) 15 Page - Endress+Hauser Group Services AG

Part # CYA112
Description  Immersion assembly for water and wastewater
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CYA112 Datasheet(HTML) 15 Page - Endress+Hauser Group Services AG

Back Button CYA112 Datasheet HTML 11Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 12Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 13Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 14Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 15Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 16Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 17Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 18Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 19Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Flexdip CYA112
Endress+Hauser
15
A
A
58 (2.28)
A-A
40.6 (1.6)
Ø14 (0.55)
Ø6.6 (0.26)
A
A
56 (2.2)
20
10.7 (0.42)
90°
A-A
(0.79)
A0035704
 21
Pipe clamp. Dimensions: mm (in)
Triangular carabiner
• Is used to secure the chain
• Material: stainless steel, quality V4A
• Order number: 71092052
46 (1.81)
Ø 6
(0.2
4)
A0035705
 22
Triangular carabiner. Dimensions: mm (in)
Hook-and-loop cable ties (set of 4)
• Is used to secure the cables
• Material: PE/PA (polyethylene/polyamide)
• Order number: 71092051
Mounting tool
• Tool to remove the quick fastener
• Material: stainless steel V4A
• Order number: 71093438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com