Electronic Components Datasheet Search
  English  ▼

X  

ADS5547 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5547
Description  12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5547 Datasheet(HTML) 37 Page - Texas Instruments

Back Button ADS5547 Datasheet HTML 33Page - Texas Instruments ADS5547 Datasheet HTML 34Page - Texas Instruments ADS5547 Datasheet HTML 35Page - Texas Instruments ADS5547 Datasheet HTML 36Page - Texas Instruments ADS5547 Datasheet HTML 37Page - Texas Instruments ADS5547 Datasheet HTML 38Page - Texas Instruments ADS5547 Datasheet HTML 39Page - Texas Instruments ADS5547 Datasheet HTML 40Page - Texas Instruments ADS5547 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
www.ti.com
CLKP
CLKM
DifferentialSine-Wave
orPECL orLVDS
ClockInput
0.1 F
m
0.1 F
m
CLKP
CLKM
CMOSClockInput
0.1 F
m
0.1 F
m
Clock Buffer Gain
ADS5527
SLWS196A – DECEMBER 2006 – REVISED MAY 2007
APPLICATION INFORMATION (continued)
For best performance, it is recommended to drive the clock inputs differentially, reducing susceptibility to
common-mode noise. In this case, it is best to connect both clock inputs to the differential input clock signal with
0.1-
µF capacitors, as shown in Figure 46.
Figure 46. Differential Clock Driving Circuit
A single-ended CMOS clock can be ac-coupled to the CLKP input, with CLKM (pin 11) connected to ground with
a 0.1-
µF capacitor, as shown in Figure 47.
Figure 47. Single-Ended Clock Driving Circuit
For best performance, the clock inputs have to be driven differentially, reducing susceptibility to common-mode
noise. For high input frequency sampling, the use a clock source with very low jitter is recommended. Bandpass
filtering of the clock source can help reduce the effect of jitter. There is no change in performance with a
non-50% duty cycle clock input. Figure 31 shows the performance variation of the ADC versus clock duty cycle
When using a sinusoidal clock input, the noise contributed by clock jitter improves as the clock amplitude is
increased. Therefore, using a large amplitude clock is recommended. In addition, the clock buffer has a
programmable gain option to amplify the input clock. The clock buffer gain can be set by programming the
register bits <CLKIN GAIN> (Table 14). The clock buffer gain decreases monotonically from Gain 4 to Gain 0
settings.
37
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com