Electronic Components Datasheet Search
  English  ▼

X  

ADS5547 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5547
Description  12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5547 Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS5547 Datasheet HTML 26Page - Texas Instruments ADS5547 Datasheet HTML 27Page - Texas Instruments ADS5547 Datasheet HTML 28Page - Texas Instruments ADS5547 Datasheet HTML 29Page - Texas Instruments ADS5547 Datasheet HTML 30Page - Texas Instruments ADS5547 Datasheet HTML 31Page - Texas Instruments ADS5547 Datasheet HTML 32Page - Texas Instruments ADS5547 Datasheet HTML 33Page - Texas Instruments ADS5547 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
www.ti.com
VoltageForcedontheCMPin − V
81
82
83
84
85
86
1.4
1.45
1.5
1.55
1.6
70
71
69
72
73
74
SFDR
SNR
f-Frequencyof ACCommon-ModeVoltage-MHz
-70
-65
-60
-45
-40
-35
0
20
40
60
80
100
-55
-50
f − Frequency − MSPS
0
10
20
30
40
50
60
70
80
100
10
30
50
70
90 110 130 150
190 210
90
170
DDRLVDS
CMOS
5-pFLoadCap
CMOS
0-pFLoadCap
CMOS
10-pFLoadCap
F − SamplingFrequency − MSPS
S
0.64
0.70
0.76
0.82
0.88
0.94
1.00
1.06
1.12
1.18
1.24
0
20
40
60
80 100 120 140 160 180
220
LVDSMode
Default
PowerMode1
PowerMode2
PowerMode3
200
ADS5527
SLWS196A – DECEMBER 2006 – REVISED MAY 2007
TYPICAL CHARACTERISTICS (continued)
All plots are at 25
°C, AVDD = DRVDD = 3.3 V, sampling frequency = 210 MSPS, sine wave input clock, 1.5 V
PP differential
clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, internal reference mode, 0 dB gain, DDR LVDS
data output (unless otherwise noted)
PERFORMANCE IN EXTERNAL REFERENCE MODE
COMMON-MODE REJECTION RATIO vs FREQUENCY
Figure 33.
Figure 34.
POWER DISSIPATION vs
DIGITAL CURRENT vs
SAMPLING FREQUENCY (DDR LVDS)
SAMPLING FREQUENCY (Parallel CMOS)
Figure 35.
Figure 36.
30
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com