Electronic Components Datasheet Search
  English  ▼

X  

CDC706PW Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # CDC706PW
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC706PW Datasheet(HTML) 25 Page - Texas Instruments

Back Button CDC706PW Datasheet HTML 21Page - Texas Instruments CDC706PW Datasheet HTML 22Page - Texas Instruments CDC706PW Datasheet HTML 23Page - Texas Instruments CDC706PW Datasheet HTML 24Page - Texas Instruments CDC706PW Datasheet HTML 25Page - Texas Instruments CDC706PW Datasheet HTML 26Page - Texas Instruments CDC706PW Datasheet HTML 27Page - Texas Instruments CDC706PW Datasheet HTML 28Page - Texas Instruments CDC706PW Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
www.ti.com
SSC Modulation Amount
SSC Modulation Frequency
3
4
5
6
7
8
9
10
11
12
30
40
50
60
3% Down Spread
2% Down Spread
fmodulation − kHz
+0.4 Center Spread
+0.25 Center Spread
Further EMI Reduction
CDC706
SCAS829A – SEPTEMBER 2006 – REVISED MARCH 2007
In SSC mode, the user can select the SSC modulation amount and SSC modulation frequency. The modulation
amount is the frequency deviation based to the carrier (min/max frequency), whereas the modulation frequency
determines the speed of the frequency variation. In SSC mode, the maximum VCO frequency is limited to 167
MHz.
The CDC706 supports center spread modulation and down spread modulation. In center spread, the clock is
symmetrically shifted around the carrier frequency and can be
±0.1%, ±0.25%, and ±0.4%. At down spread, the
clock frequency is always lower than the carrier frequency and can be 1%, 1.5%, 2%, and 3%. The down spread
is preferred if a system can not tolerate an operating frequency higher than the nominal frequency (over-clocking
problem).
Example:
Modulation Type
Minimum
Center
Maximum
Frequency
Frequency
Frequency
A
±0.25% center spread
53.865 MHz
54 MHz
54.135 MHz
B
1% down spread
53.46 MHz
—
54 MHz
C
0.5% down spread(1)
53.73 MHz
53.865 MHz
54 MHz
(1)
A down spread of 0.5% of a 54-MHz carrier is equivalent to 59.865 MHz at a center spread of
±0.25%.
The modulation frequency (sweep rate) can be selected between 30 kHz and 60 kHz. It is also based on the
VCO frequency as shown in the SSC Modulation Frequency Selection. As shown in Figure 20, the damping
increases with higher modulation frequencies. It may be limited by the tracking skew of a downstream PLL. The
CDC706 uses a triangle modulation profile which is one of the common profiles for SSC.
Figure 20. EMI Reduction vs fModulation and fAmount
The optimum damping is a combination of modulation amount, modulation frequency and the harmonics which
are considered. Note that higher order harmonic frequencies results in stronger EMI reduction because of
respective higher frequency deviation.
As seen in Figure 21 and Figure 22, a slower output slew rate and/or smaller output signal amplitude helps to
reduce EMI emission even more. Both measures reduce the RF energy of clock harmonics. The CDC706 allows
slew rate control in four steps between 0.6 ns and 3.3 ns (Byte 19-24, Bit [5:4]). The output amplitude is set by
the two independent output supply voltage pins, VCCOUT1 and VCCOUT2, and can vary from 2.3 V to 3.6 V. Even a
lower output supply voltage down to 1.8 V works, but the maximum frequency has to be considered.
25
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com