Electronic Components Datasheet Search
  English  ▼

X  

CDC706PW Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # CDC706PW
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC706PW Datasheet(HTML) 26 Page - Texas Instruments

Back Button CDC706PW Datasheet HTML 22Page - Texas Instruments CDC706PW Datasheet HTML 23Page - Texas Instruments CDC706PW Datasheet HTML 24Page - Texas Instruments CDC706PW Datasheet HTML 25Page - Texas Instruments CDC706PW Datasheet HTML 26Page - Texas Instruments CDC706PW Datasheet HTML 27Page - Texas Instruments CDC706PW Datasheet HTML 28Page - Texas Instruments CDC706PW Datasheet HTML 29Page - Texas Instruments CDC706PW Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
www.ti.com
11.3dB
7dB
11.3dB
11.3dB
7dB
7dB
nom−1
nom
nom+2
−3dB
6.4dB
nom−1
nom
nom+2
−2.5dB
5.6dB
Slew-Rate for VCCOUT = 2.5 V
Slew-Rate for VCCOUT = 3.3 V
−1
0
1
2
3
4
5
3.6 V
3 V
2.5 V
VCCOUT
Multi-Function Control Inputs S0 and S1
CDC706
SCAS829A – SEPTEMBER 2006 – REVISED MARCH 2007
Figure 21. EMI Reduction vs Slew-Rate and Vccout
Figure 22. EMI Reduction vs Vccout
The CDC706 features two user definable inputs pins which can be used as external control pins or address pins.
When programmed as control pins, they can function as clock select pin, enable/disable pin or device
power-down pin. If both pins used as address-bits, up to four devices can be connected to the same SMBus.
The respective function is set in Byte 10; Bit [3:0]. Table 4 shows the possible setting for the different output
conditions, clock select and device addresses.
26
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com