Electronic Components Datasheet Search
  English  ▼

X  

TMDS141 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS141
Description  HDMI HIDER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS141 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMDS141 Datasheet HTML 5Page - Texas Instruments TMDS141 Datasheet HTML 6Page - Texas Instruments TMDS141 Datasheet HTML 7Page - Texas Instruments TMDS141 Datasheet HTML 8Page - Texas Instruments TMDS141 Datasheet HTML 9Page - Texas Instruments TMDS141 Datasheet HTML 10Page - Texas Instruments TMDS141 Datasheet HTML 11Page - Texas Instruments TMDS141 Datasheet HTML 12Page - Texas Instruments TMDS141 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
TMDS
Driver
AVcc
RT
RT
TMDS
Receiver
ZO = RT
ZO = RT
t
PHL
t
PLH
100%
0V Differential
0%
80%
20%
t f
t
r
0.4 V
0 V
−0.4 V
Vcc
TMDS
Receiver
TMDS
Driver
TX
RX
AVcc
CL
0.5 pF
Vcc
Vcc−0.4 V
n
DC Coupled
Vcc+0.2 V
Vcc−0.2 V
AC Coupled
RX
VIC = | VRX − VRX|
Vswing = | VTX − VTX|
VRX
VRX
VIC
VTX
VTX
TX
VRX
VRX
VIC
VIC
RINT
RINT
RT
RT
VOC
VID(pp)
VOD(pp)
Vswing
VOD(O)
VOC(SS)
VOD(U)
TMDS141
SLLS737B – JUNE 2006 – REVISED APRIL 2007
Figure 1. Typical Termination for TMDS Output Driver
NOTE: PRE = low. All input pulses are supplied by a generator having the following characteristics: tr or tf < 100 ps, 100
MHz from Agilent 81250. CL includes instrumentation and fixture capacitance within 0.06 m of the D.U.T.
Measurement equipment provides a bandwidth of 20 GHz minimum.
Figure 2. TMDS Timing Test Circuit and Definitions
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com