Electronic Components Datasheet Search
  English  ▼

X  

TMDS141 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS141
Description  HDMI HIDER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS141 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMDS141 Datasheet HTML 12Page - Texas Instruments TMDS141 Datasheet HTML 13Page - Texas Instruments TMDS141 Datasheet HTML 14Page - Texas Instruments TMDS141 Datasheet HTML 15Page - Texas Instruments TMDS141 Datasheet HTML 16Page - Texas Instruments TMDS141 Datasheet HTML 17Page - Texas Instruments TMDS141 Datasheet HTML 18Page - Texas Instruments TMDS141 Datasheet HTML 19Page - Texas Instruments TMDS141 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
www.ti.com
RSCL
RSDA
TSCL
TSDA
I2CEN
OVS
R
T
TSCL/TSDA
RSCL/RSDA
Vcc
0.5V
5V +
10%
Vcc/2
t
PLH
I2C Enable
I2C Behavior
TMDS141
SLLS737B – JUNE 2006 – REVISED APRIL 2007
APPLICATION INFORMATION (continued)
or not connected, VOL is typically 0.5 V. When OVS is connected to GND, VOL is typically 0.65 V. When OVS is
connected to VCC, VOL is typically 0.8 V. VOL is always higher than the driver R input threshold, VIL, which is
typically 0.4 V, preventing lockup of the repeater loop. The VOL value can be selected to improve or optimize
noise margins between VOL and the VIL of the repeater itself or the VIL of some external device connected on the
T side.
When the R side is pulled up, above 1.5 V, the T side driver turns off and the T side pin is high impedance.
Figure 18. I2C Drivers in TMDS141
When the T side is pulled below 0.4 V by an external I2C driver, both drivers R and T are turned on. Driver R
pulls the R side to near 0 V, and driver T is on, but is overridden by the external I2C driver. If driver T is already
on, due to a low on the R side, driver R just turns on.
When the T side is released by the external I2C driver, driver T is still on, so the T side is only able to rise to the
VOL of driver T. Driver R turns off, since VOL is above its 0.4-V VIL threshold, releasing the R side. If no external
I2C driver is keeping the R side low, the R side rises, and driver T turns off once the R side rises above 1.5 V,
see Figure 19.
Figure 19. Waveform of Turning Driver T Off
It is important that any external I2C driver on the T side is able to pull the bus below 0.4 V to ensure full
operation. If the T side cannot be pulled below 0.4 V, driver R may not recognize and transmit the low value to
the R side.
The I2CEN pin is active high with an internal pull-up to VCC. It can be used to isolate a badly behaved slave
during power up. It should never change state during an I2C operation because disabling during a bus operation
may hang the bus and enabling part way through a bus cycle could confuse the I2C parts being enabled.
The typical application of the TMDS141 is as a repeater in a TV connecting the HDMI input connector and an
internal HDMI Rx through flat cables. The I2C repeater is 5-V tolerant, and no additional circuitry is required to
translate between 3.3-V to 5-V bus voltages. In the following example, the system master is running on an
R-side I2C-bus while the slave is connected to a T-side bus. Both buses run at 100 kHz supporting
standard-mode I2C operation. Master devices can be placed on either bus.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com