Electronic Components Datasheet Search
  English  ▼

X  

TMDS141 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS141
Description  HDMI HIDER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS141 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMDS141 Datasheet HTML 7Page - Texas Instruments TMDS141 Datasheet HTML 8Page - Texas Instruments TMDS141 Datasheet HTML 9Page - Texas Instruments TMDS141 Datasheet HTML 10Page - Texas Instruments TMDS141 Datasheet HTML 11Page - Texas Instruments TMDS141 Datasheet HTML 12Page - Texas Instruments TMDS141 Datasheet HTML 13Page - Texas Instruments TMDS141 Datasheet HTML 14Page - Texas Instruments TMDS141 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
www.ti.com
Data+
Data-
Clk+
Clk-
Video
Patterm
Generator
800mVppor
1200mVpp
Differential
Coax
Coax
Coax
Coax
Coax
Coax
Coax
Coax
TMDS141
SMA
SMA
SMA
SMA
AVcc
R
T
R
T
AVcc
R
T
R
T
Jitter Test
Instrument
Jitter Test
Instrument
XTP4
XTP2
XTP1
28AWG
HDMICable
Transmissionmedia
HDMIcable
or
FR4PCBtrace
RX
+EQ
OUT
RX
+EQ
OUT
SMA
SMA
SMA
SMA
XTP3
PULSE
GENERATOR
D.U.T.
R
T
R
L=4.7kW
C
L=100pF
V
IN
V
OUT
3.3V + 10%
V
CC
Vcc
Vcc/2
0.1V
3.3V +
10%
1.5V
V
OL
t
r
t
f
t
PLH
t
PHL
RSCL/RSDA
Input
20%
20%
80%
80%
TSCL/TSDA
Output
PULSE
GENERATOR
D.U.T.
R
T
R
L
=1.67kW
C
L=400pF
V
IN
V
OUT
5V + 10%
V
CC
Vcc
1.5V
0.1V
5V +
10%
Vcc/2
V
OL
t
r
t
f
t
PHL
TSCL/TSDA
Input
20%
20%
80%
80%
RSCL/RSDA
Output
TSCL/TSDA
Input
RSCL/RSDA
Output
Vcc
0.5V
5V +
10%
Vcc/2
t
PLH
TMDS141
SLLS737B – JUNE 2006 – REVISED APRIL 2007
PARAMETER MEASUREMENT INFORMATION (continued)
A.
All jitters are measured in BER of 10-12
B.
The residual jitter reflects the total jitter measured at XTP4, subtract the total jitter at XTP1
Figure 7. Jitter Test Circuit
Figure 8. I2C Timing Test Circuit and Definition
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com