Electronic Components Datasheet Search
  English  ▼

X  

TMDS141 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS141
Description  HDMI HIDER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS141 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMDS141 Datasheet HTML 15Page - Texas Instruments TMDS141 Datasheet HTML 16Page - Texas Instruments TMDS141 Datasheet HTML 17Page - Texas Instruments TMDS141 Datasheet HTML 18Page - Texas Instruments TMDS141 Datasheet HTML 19Page - Texas Instruments TMDS141 Datasheet HTML 20Page - Texas Instruments TMDS141 Datasheet HTML 21Page - Texas Instruments TMDS141 Datasheet HTML 22Page - Texas Instruments TMDS141 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
www.ti.com
Thermal Dissipation
TMDS141
SLLS737B – JUNE 2006 – REVISED APRIL 2007
Table 2. Pull-Up Resistor Upon Different Threshold Voltages and 800-pF Loads
Vth-\Vth+
0.7VDD
0.65VDD
0.6VDD
0.55VDD
0.5VDD
0.45VDD
0.4VDD
0.35VDD
0.3VDD
UNIT
0.1VDD
1.14
1.32
1.54
1.80
2.13
2.54
3.08
3.84
4.97
k
Ω
0.15VDD
1.20
1.41
1.66
1.97
2.36
2.87
3.59
4.66
6.44
k
Ω
0.2VDD
1.27
1.51
1.80
2.17
2.66
3.34
4.35
6.02
9.36
k
Ω
0.25VDD
1.36
1.64
1.99
2.45
3.08
4.03
5.60
8.74
18.12
k
Ω
0.3VDD
1.48
1.80
2.23
2.83
3.72
5.18
8.11
16.87
-
k
Ω
Or, limiting the maximum load capacitance of each cable to be 400 pF to accommodate with I2C spec version
2.1. Ccable(max) = 400pF/Csource=50pF/Ci = 50pF, the maximum values of R(max) are calculated as shown in
Table 3.
Table 3. Pull-Up Resistor Upon Different Threshold Voltages and 500-pF Loads
Vth-\Vth+
0.7VDD
0.65VDD
0.6VDD
0.55VDD
0.5VDD
0.45VDD
0.4VDD
0.35VDD
0.3VDD
UNIT
0.1VDD
1.82
2.12
2.47
2.89
3.40
4.06
4.93
6.15
7.96
k
Ω
0.15VDD
1.92
2.25
2.65
3.14
3.77
4.59
5.74
7.46
10.30
k
Ω
0.2VDD
2.04
2.42
2.89
3.48
4.26
5.34
6.95
9.63
14.98
k
Ω
0.25VDD
2.18
2.62
3.18
3.92
4.93
6.45
8.96
13.98
28.99
k
Ω
0.3VDD
2.36
2.89
3.57
4.53
5.94
8.29
12.97
26.99
-
k
Ω
Obviously, to accommodate the 3-mA drive current specification, a narrower threshold voltage range is required
to support a maximum 800-pF load capacitance for a standard-mode I2C bus.
When the input low and high level threshold voltages, Vth- and Vth+, are 0.7 V and 1.9 V, which is 0.15 VDD and
0.4 VDD approximately with VDD = 5 V, from Table 2, the maximum pull-up resistor is 3.59 kΩ. The allowable
pull-up resistor is in the range of 1.83 k
Ω and 3.59 kΩ.
On a high-K board – It is always recommended to solder the PowerPAD onto the thermal land. A thermal land is
the area of solder-tinned-copper underneath the PowerPAD package. On a high-K board the TMDS141 can
operate over the full temperature range by soldering the PowerPAD onto the thermal land without vias.
On a low-K board – In order for the device to operate across the temperature range on a low-K board, a 1-oz Cu
trace connecting the GND pins to the thermal land must be used. A simulation shows RθJA = 100.84°C/W
allowing 545 mW power dissipation at 70
°C ambient temperature.
A general PCB design guide for PowerPAD packages is provided in the document SLMA002 - PowerPAD
Thermally Enhanced Package.
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com