Electronic Components Datasheet Search
  English  ▼

X  

TMDS141 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS141
Description  HDMI HIDER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS141 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMDS141 Datasheet HTML 13Page - Texas Instruments TMDS141 Datasheet HTML 14Page - Texas Instruments TMDS141 Datasheet HTML 15Page - Texas Instruments TMDS141 Datasheet HTML 16Page - Texas Instruments TMDS141 Datasheet HTML 17Page - Texas Instruments TMDS141 Datasheet HTML 18Page - Texas Instruments TMDS141 Datasheet HTML 19Page - Texas Instruments TMDS141 Datasheet HTML 20Page - Texas Instruments TMDS141 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
www.ti.com
Master
Slave
DriverR
Driver T
V
Rdd
R
Rup
C
CABLE
C
SOURCE
C
I
C
O
C
slave
V
Tdd
R
Tup
C
medium
RSCL
RSDA
9thClockPulse- AcknowledgeFromSlave
TSCL
TSDA
9thClockPulse- AcknowledgeFromSlave
V
OL
OfSlave
V
OL
OfDriver T
TMDS141
SLLS737B – JUNE 2006 – REVISED APRIL 2007
APPLICATION INFORMATION (continued)
Figure 20. Typical Application
Figure 21 illustrates the waveforms seen on the R-side I2C-bus when the master writes to the slave through the
I2C repeater circuit of the TMDS141. This looks like a normal I2C transmission, and the turn on and turn off of
the acknowledge signals are slightly delayed.
Figure 21. Bus R Waveform
Figure 22 illustrates the waveforms seen on the T-side I2C-bus under the same operation in Figure 21. On the
T-side of the I2C repeater, the clock and data lines would have a positive offset from ground equal to the VOL of
the driver T. After the 8th clock pulse, the data line is pulled to the VOL of the slave device which is very close to
ground in this example. At the end of the acknowledge, the slave device releases and the bus level rises back to
the VOL set by the driver until the R-side rises above VCC/2, after which it continues to high. It is important to
note that any arbitration or clock stretching events require that the low level on the T-side bus at the input of the
TMDS141 I2C repeater is below 0.4 V to be recognized by the device and then transmitted to the R-side I2C bus.
Figure 22. Bus T Waveform
The I2C circuitry inside the TMDS141 allows multiple stage operation as shown in Figure 23. I2C-Bus slave
devices can be connected to any of the bus segments. The number of devices that can be connected in series is
limited by repeater delay/time of flight considerations for the maximum bus speed requirements.
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com