Electronic Components Datasheet Search
  English  ▼

X  

TMDS141 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS141
Description  HDMI HIDER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS141 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMDS141 Datasheet HTML 9Page - Texas Instruments TMDS141 Datasheet HTML 10Page - Texas Instruments TMDS141 Datasheet HTML 11Page - Texas Instruments TMDS141 Datasheet HTML 12Page - Texas Instruments TMDS141 Datasheet HTML 13Page - Texas Instruments TMDS141 Datasheet HTML 14Page - Texas Instruments TMDS141 Datasheet HTML 15Page - Texas Instruments TMDS141 Datasheet HTML 16Page - Texas Instruments TMDS141 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
100
110
120
f-Frequency-MHz
75
165
185
205
225
OE =Low,PRE=High
OE =Low,PRE=Low
OE =High,PRE=Low
V
= AV
=3.3V,R =50
,
T =25°C,
V
=1200mV
CC
CC
T
A
ID(PP)
p-p
W
R
=4.64k
VSADJ
W,
0
10
20
30
40
50
60
70
80
90
100
110
120
T -Free- AirTemperature- C
A
°
1
2
3
4
5
6
OE =Low,PRE=High
V
= AV
=3.3V,R =50
,
V
=1200mV
,
Rx0-Rx2HDMIDataPattern,
2.25GbpsRxC,225MHz
CC
CC
T
ID(PP)
p-p
W
R
=4.64k ,
VSADJ
W
DataRate-Mbps
0
2
4
6
8
10
12
14
16
18
20
750
1450
1650
1850
2250
PRE=High,800mVPP
PRE=High,1200mVPP
PRE=Low,1200mVPP
PRE=Low,800mVPP
V
= AV
=3.3V,R =50
,
T
=25°C,
=Low,HDMIDataPattern
CC
CC
T
A
W R
=4.64k ,
VSADJ
W
OE
0
2
4
6
8
10
12
14
16
18
20
750
1450
1650
1850
2250
DataRate-Mbps
PRE=High,800mVPP
PRE=Low,800mVPP
PRE=High,1200mVPP
PRE=Low,1200mVPP
V
= AV
=3.3V,R =50
,
T
=25°C,
CC
CC
T
A
W R
=4.64k ,
=Low,HDMIDataPattern
VSADJ
W
OE
TMDS141
SLLS737B – JUNE 2006 – REVISED APRIL 2007
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
FREQUENCY
FREE-AIR TEMPERATURE
Figure 10.
Figure 11.
RESIDUAL PEAK-TO-PEAK JITTER
RESIDUAL PEAK-TO-PEAK JITTER
vs
vs
DATA RATE
DATA RATE
(DC Coupled Input: 5m 28AWG, Output: 1m 28AWG)
(DC Coupled Input: 3m 30AWG, Output: 1m 28AWG)
Figure 12.
Figure 13.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com