Electronic Components Datasheet Search
  English  ▼

X  

INA780A Datasheet(PDF) 21 Page - Texas Instruments

Part # INA780A
Description  INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA780A Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA780A Datasheet HTML 17Page - Texas Instruments INA780A Datasheet HTML 18Page - Texas Instruments INA780A Datasheet HTML 19Page - Texas Instruments INA780A Datasheet HTML 20Page - Texas Instruments INA780A Datasheet HTML 21Page - Texas Instruments INA780A Datasheet HTML 22Page - Texas Instruments INA780A Datasheet HTML 23Page - Texas Instruments INA780A Datasheet HTML 24Page - Texas Instruments INA780A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
6.5 Programming
6.5.1 I2C Serial Interface
The INA780x operates only as a target on both the SMBus and I2C interfaces. Connections to the bus are made
through the open-drain SDA and SCL lines. The SDA and SCL pins feature integrated spike suppression filters
and Schmitt triggers to minimize the effects of input spikes and bus noise. Although the device integrates spike
suppression into the digital I/O lines, proper layout techniques help minimize the amount of coupling into the
communication lines. This noise introduction can occur from capacitive coupling signal edges between the two
communication lines themselves or from other switching noise sources present in the system. Routing traces in
parallel with ground in between layers on a printed circuit board (PCB) typically reduces the effects of coupling
between the communication lines. Shielded communication lines reduce the possibility of unintended noise
coupling into the digital I/O lines that could be incorrectly interpreted as start or stop commands.
The INA780x supports the transmission protocol for fast mode (1 kHz to 400 kHz) and high-speed mode (1 kHz
to 2.94 MHz). All data bytes are transmitted most significant byte first and follow the SMBus 3.0 transfer protocol.
To communicate with the INA780x, the controller must first address targets through a target address byte. The
target address byte consists of seven address bits and a direction bit that indicates whether the action is to be a
read or write operation.
The device has two address pins, A0 and A1. Table 6-2 lists the pin logic levels for each of the 16 possible
addresses. The device samples the state of pins A0 and A1 on every bus communication. Establish the pin state
before any activity on the interface occurs. When connecting the SDA pin to either A0 or A1 to set the device
address, an additional hold time of 100 ns is required on the MSB of the I2C address to ensure correct device
addressing.
Table 6-2. Address Pins and Target Addresses
A1
A0
TARGET DEVICE ADDRESS
GND
GND
1000000
GND
VS
1000001
GND
SDA
1000010(1)
GND
SCL
1000011
VS
GND
1000100
VS
VS
1000101
VS
SDA
1000110(1)
VS
SCL
1000111
SDA
GND
1001000(1)
SDA
VS
1001001(1)
SDA
SDA
1001010(1)
SDA
SCL
1001011(1)
SCL
GND
1001100
SCL
VS
1001101
SCL
SDA
1001110(1)
SCL
SCL
1001111
(1)
Any address using SDA will require an initial hold time of 100 ns on the MSB of the address.
6.5.1.1 Writing to and Reading Through the I2C Serial Interface
Accessing a specific register on the INA780x is accomplished by writing the appropriate value to the register
pointer. Refer to Register Maps for a complete list of registers and corresponding addresses. The value for the
register pointer (as shown in Figure 6-14) is the first byte transferred after the target address byte with the R/W
bit low. Every write operation to the device requires a value for the register pointer.
www.ti.com
INA780A, INA780B
SBOSAB6A – JULY 2023 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA780A INA780B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com