Electronic Components Datasheet Search
  English  ▼

X  

INA780A Datasheet(PDF) 24 Page - Texas Instruments

Part # INA780A
Description  INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA780A Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA780A Datasheet HTML 20Page - Texas Instruments INA780A Datasheet HTML 21Page - Texas Instruments INA780A Datasheet HTML 22Page - Texas Instruments INA780A Datasheet HTML 23Page - Texas Instruments INA780A Datasheet HTML 24Page - Texas Instruments INA780A Datasheet HTML 25Page - Texas Instruments INA780A Datasheet HTML 26Page - Texas Instruments INA780A Datasheet HTML 27Page - Texas Instruments INA780A Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
7.1.1 Device Measurement Range and Resolution
The INA780x has a full scale ADC range for current measurements of ±78.64 A. However, the maximum value
that can be measured is limited by the operating junction temperature (see Figure 7-1).
Junction Temperature ( C)
-50
-25
0
25
50
75
100
125
150
175
70
72
74
76
78
80
Figure 7-1. Maximum ADC Current Reading vs Junction Temperature (Typical Characteristic)
Table 7-1 shows the full scale value for shunt, bus, and temperature measurements, along with their associated
step size.
Table 7-1. Register Full Scale Values and Resolution
PARAMETER
REGISTER
ADDRESS
SIZE
FULL SCALE VALUE
RESOLUTION
Current
7h
16 bit, signed
±78.641
2.4 mA/LSB
Bus voltage
5h
16 bit, signed, always positive
0 V to 85 V
3.125 mV/LSB
Die Temperature
6h
12 bit, signed
–40°C to +150°C
125 m°C/LSB
Power
8h
24 bit, unsigned
8.05306 kW
480 µW/LSB
Energy
9h
40 bit, unsigned
8444.25 MJ
7.68 mJ/LSB
Charge
Ah
40 bit, unsigned
164.927 MC
150 µC/LSB
The internal die temperature sensor register range extends from –256°C to +256°C but is limited by the junction
temperature range of –40°C to 150°C. Likewise, the bus voltage measurement range extends up to 102.4 V but
is limited by silicon to 85 V.
Current, bus voltage, temperature, power, energy and charge measurements can be read through their
corresponding address registers. Values are calculated by multiplying the returned value by the corresponding
LSB size.
Signed values are represented in 2's complement format.
INA780A, INA780B
SBOSAB6A – JULY 2023 – REVISED DECEMBER 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA780A INA780B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com