Electronic Components Datasheet Search
  English  ▼

X  

INA780A Datasheet(PDF) 13 Page - Texas Instruments

Part # INA780A
Description  INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA780A Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA780A Datasheet HTML 9Page - Texas Instruments INA780A Datasheet HTML 10Page - Texas Instruments INA780A Datasheet HTML 11Page - Texas Instruments INA780A Datasheet HTML 12Page - Texas Instruments INA780A Datasheet HTML 13Page - Texas Instruments INA780A Datasheet HTML 14Page - Texas Instruments INA780A Datasheet HTML 15Page - Texas Instruments INA780A Datasheet HTML 16Page - Texas Instruments INA780A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
Temperature ( C)
-50
-25
0
25
50
75
100
125
150
400
450
500
550
600
650
700
750
Figure 6-1. IS+ to IS– Package Resistance vs Temperature
The internal compensation of the INA780x corrects for pin-to-pin resistance increases with temperature,
achieving low drift over the ambient temperature range.
The INA780x is most accurate when measuring currents around 30 A. As currents increase, the error in the
current measurement also increases. Figure 6-2 shows how the gain error of the INA780x varies with the shunt
current for all device options.
Shunt Current (A)
0
10
20
30
40
50
60
70
80
-100
-50
0
50
100
150
200
250
300
350
400
Figure 6-2. Gain Error vs Shunt Current
The shape of this curve will vary some based on the PCB design. Designs with better thermal performance will
generally flatten this curve.
The temperature coefficient of the shunt is compensated by sampling the junction temperature and internally
applying a correction factor based on this temperature to the reported current measurements. During transient
currents, the shunt heats faster than the temperature sensor. This temporary difference in temperatures results
in higher values in the reported current until the temperature stabilizes. Figure 6-3 shows the sampled output
response during a current step from 0A to 45 A
www.ti.com
INA780A, INA780B
SBOSAB6A – JULY 2023 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA780A INA780B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com