Electronic Components Datasheet Search
  English  ▼

X  

INA780A Datasheet(PDF) 28 Page - Texas Instruments

Part # INA780A
Description  INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA780A Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA780A Datasheet HTML 24Page - Texas Instruments INA780A Datasheet HTML 25Page - Texas Instruments INA780A Datasheet HTML 26Page - Texas Instruments INA780A Datasheet HTML 27Page - Texas Instruments INA780A Datasheet HTML 28Page - Texas Instruments INA780A Datasheet HTML 29Page - Texas Instruments INA780A Datasheet HTML 30Page - Texas Instruments INA780A Datasheet HTML 31Page - Texas Instruments INA780A Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
An overcurrent threshold is set by programming the Current Over-Limit Threshold register (COL). Divide the
overcurrent limit value by the current LSB size to calculate the value needed to program the register.
In this example, the desired overcurrent limit threshold is 42 A. The Current LSB size is 2.4 mA/LSB, therefore
the value that should be programmed into Current Over-Limit (COL) register the value is 42 A / 2.4 mA/LSB =
17500d or 445Ch.
An overvoltage fault threshold on the bus voltage is set by programming the bus overvoltage limit register
(BOVL). In this example, the desired overvoltage threshold is 54 V. Divide the target threshold voltage by the
correct LSB value to calculate the value needed to program the register. For this example, the target value for
the BOVL register is 54 V / 3.125 mV = 17280d (4380h).
When setting the power over-limit value, the LSB size used to calculate the value needed in the limit registers
will be 256 times greater than the power LSB. This is because the power register is 24 bits in length while the
power fault limit register is 16 bits.
Values stored in the alert limit registers are set to the default values after VS power cycle events and must be
reprogrammed each time power is applied.
7.2.2.3 Calculate Returned Values
Multiply the returned value by the LSB value to calculate the parametric values. Table 7-4 below shows the
returned values for this application example assuming the design requirements shown in Table 7-3.
Table 7-4. Calculating Returned Values
PARAMETER
RETURNED VALUE
LSB VALUE
CALCULATED VALUE
Current (A)
15000d, 3A98h
2.4 mA/LSB
36 A
Bus voltage (V)
15360d, 3C00h
3.125 mV/LSB
48 V
Power (W)
3600000d, 36 EE80h
480 µW/LSB
1.728 kW
Energy (J)
202500000d, C11E7A0h
7.68 mJ/LSB
1.5552 MJ
Charge (C)
13500000d, CDFE60h
150 µC/LSB
32400 C
Temperature (°C)
680d, 2A8h
125 m°C/LSB
85°C
Current, Bus Voltage (positive only), Charge, and Temperature return values in 2's complement format. In a 2's
complement format, a 1 in the most significant bit of the returned value represents a negative value in binary.
These values can be converted to decimal by first inverting all the bits and adding 1 to obtain the unsigned
binary value. This value must then be converted to decimal with the negative sign applied.
7.2.3 Application Curves
Figure 7-3 and Figure 7-4 show the ALERT pin response to an overcurrent fault with a conversion time of 50 μs
for the temperature, shunt voltage, and bus voltage measurements with averaging set to 1. This configuration
results in a total conversion time of 150 μs for all three measurements. For these scope shots, persistence was
enabled on the ALERT channel to show the variation in the alert response for many sequential fault events.
The alert response time can change depending on the value of the current before fault occurs as well as the
how much the fault condition exceeds the programmed fault threshold. Figure 7-3 shows the response time
for an overcurrent fault when the fault condition greatly exceeds the programmed threshold, while Figure 7-4
shows the overcurrent response time when the fault slightly exceeds the programmed threshold. Variation in the
alert response exists because the external fault event is not synchronized to the internal ADC conversion start.
Also the ADC is constantly sampling to get a result, so the response time for fault events starting from zero
will be slower than fault events starting from values near the set fault threshold. In applications where the alert
timing is critical for overcurrent events, the worst-case alert response is equal to 2 × tconv_current + tconv_temp +
tconv_voltage + 25 μs. An additional 25 μs is added to allow for background math calculations. This equation does
not account for the 1% oscillator tolerance and is only valid for cases where the overcurrent signal is greater
than the conversion threshold and noise. The measurement noise is a function of the conversion time. See
Section 6.3.5.2 and Section 7.1.2 for additional information.
INA780A, INA780B
SBOSAB6A – JULY 2023 – REVISED DECEMBER 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA780A INA780B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com