Electronic Components Datasheet Search
  English  ▼

X  

INA780A Datasheet(PDF) 12 Page - Texas Instruments

Part # INA780A
Description  INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA780A Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA780A Datasheet HTML 8Page - Texas Instruments INA780A Datasheet HTML 9Page - Texas Instruments INA780A Datasheet HTML 10Page - Texas Instruments INA780A Datasheet HTML 11Page - Texas Instruments INA780A Datasheet HTML 12Page - Texas Instruments INA780A Datasheet HTML 13Page - Texas Instruments INA780A Datasheet HTML 14Page - Texas Instruments INA780A Datasheet HTML 15Page - Texas Instruments INA780A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
6 Detailed Description
6.1 Overview
The INA780x device is a digital current sense amplifier with an integrated current sensing element. The device
measures current, bus voltage and internal temperature while calculating power, energy and charge necessary
for accurate decision making in precisely controlled systems. Programmable registers allow flexible configuration
for measurement precision as well as continuous or triggered operation. Detailed register information is found in
Register Maps.
6.2 Functional Block Diagram
GND
16 – bit
ADC
V
I
Common-mode Voltage
(-0.1 V to 85 V)
TI Device
IS+
IS-
±0.5% Oscillator
VBUS
IN+
IN-
SH+
SH-
Power
Current
Bus Voltage
Temperature
Energy
Charge
Alert_Diag
Shunt TC
Compensation
Registers
V
I
I
2C / SMBus
Interface
A0
A1
ALERT
SDA
SCL
0.1 µF
VS
Supply Voltage
(2.7 V to 5.5 V)
6.3 Feature Description
6.3.1 Integrated Shunt Resistor
The INA780x is a precise, low-drift, digital power monitor that provides accurate measurements over the entire
specified ambient temperature range of –40°C to +125°C. The integrated current-sensing resistor is internally
compensated to provide measurement stability over temperature, while simplifying printed circuit board (PCB)
layout and size constraints.
Access to the on-chip current-sensing resistor is provided by the IS+ and IS- pins. This resistor features internal
sense connections that are brought out on the SH+ and SH- pins. Access to the digital power monitor is
provided by the IN+ and IN- pins. When the shunt sense connections are connected to the digital power monitor
inputs, the sensed voltage is calibrated and temperature compensated to achieve a high level of accuracy.
The construction of this resistor does not allow it to be used as a stand-alone component for accurate current
measurement. The INA780x is system-calibrated to ensure that the current-sensing resistor and digital power
monitor are both precisely matched to one another.
The nominal pin-to-pin resistance from IS+ to IS- is approximately 550 μΩ, while the internal resistance seen by
the SH+ and SH- pins is nominally 400 μΩ. The power dissipation requirements of the system and package are
based on the total package resistance between the IS+ and IS– pins.
INA780A, INA780B
SBOSAB6A – JULY 2023 – REVISED DECEMBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA780A INA780B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com