Electronic Components Datasheet Search
  English  ▼

X  

INA780A Datasheet(PDF) 34 Page - Texas Instruments

Part # INA780A
Description  INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA780A Datasheet(HTML) 34 Page - Texas Instruments

Back Button INA780A Datasheet HTML 30Page - Texas Instruments INA780A Datasheet HTML 31Page - Texas Instruments INA780A Datasheet HTML 32Page - Texas Instruments INA780A Datasheet HTML 33Page - Texas Instruments INA780A Datasheet HTML 34Page - Texas Instruments INA780A Datasheet HTML 35Page - Texas Instruments INA780A Datasheet HTML 36Page - Texas Instruments INA780A Datasheet HTML 37Page - Texas Instruments INA780A Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
7.5.1.4 Temperature Measurement (DIETEMP) Register (Address = 6h) [reset = 0h]
The DIETEMP register is shown in Table 7-10.
Return to the Summary Table.
Table 7-10. DIETEMP Register Field Descriptions
Bit
Field
Type
Reset
Description
15-4
DIETEMP
R
0h
Internal die temperature measurement. Two's complement value.
Conversion factor: 125 m°C/LSB
3-0
RESERVED
R
0h
Reserved. Always reads 0.
7.5.1.5 Current Result (CURRENT) Register (Address = 7h) [reset = 0h]
The CURRENT register is shown in Table 7-11.
Return to the Summary Table.
Table 7-11. CURRENT Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
CURRENT
R
0h
Calculated current output in Amperes. Two's complement value.
Conversion factor: 2.4 mA/LSB.
7.5.1.6 Power Result (POWER) Register (Address = 8h) [reset = 0h]
The POWER register is shown in Table 7-12.
Return to the Summary Table.
Table 7-12. POWER Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
POWER
R
0h
Calculated power output.
Output value in Watts.
Unsigned representation. Positive value.
Conversion factor: 480 μW/LSB.
INA780A, INA780B
SBOSAB6A – JULY 2023 – REVISED DECEMBER 2023
www.ti.com
34
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA780A INA780B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com