Electronic Components Datasheet Search
  English  ▼

X  

PCA5007 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCA5007
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5007 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCA5007 Datasheet HTML 42Page - NXP Semiconductors PCA5007 Datasheet HTML 43Page - NXP Semiconductors PCA5007 Datasheet HTML 44Page - NXP Semiconductors PCA5007 Datasheet HTML 45Page - NXP Semiconductors PCA5007 Datasheet HTML 46Page - NXP Semiconductors PCA5007 Datasheet HTML 47Page - NXP Semiconductors PCA5007 Datasheet HTML 48Page - NXP Semiconductors PCA5007 Datasheet HTML 49Page - NXP Semiconductors PCA5007 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 112 page
background image
1998 Oct 07
46
Philips Semiconductors
Product specification
Pager baseband controller
PCA5007
6.18
AFC-DAC
6.18.1
FUNCTION
The AFC digital-to-analog converter provides an analog signal to the receiver to reduce its frequency offset. The analog
signal is available at pin 18 (AFCOUT).
For low noise sensitivity the DAC output is buffered and can drive a load impedance of 10 k
Ω (max.). The output swing
is from rail-to-rail VDD. When the enable signal ENB is at logic 1 a linear binary conversion is performed according to
Table 47.
Below 0.2 V the linearity at the output voltage is not ideal.
When ENB is at logic 0 the AFCOUT pin is tied to VSS and all currents are switched off.
Table 47 Coding of the AFC-DAC
6.18.2
AFC-DAC CONTROL/DATA REGISTER (AFCON)
The AFC-DAC Control/Data register AFCON contains the control bit for enabling the AFC-DAC and the data bits for
setting the output voltage.
Table 48 AFC-DAC Control/Data Register (AFCON, SFR address 9EH)
Table 49 Description of the AFCON bits
CODE
OUTPUT VOLTAGE
000000
0
000001
1
× 1⁄
64VDD
...
...
NN
× 1⁄
64VDD
...
...
111111
63
× 1⁄
64VDD
76543210
ENB
−
AFC5
AFC4
AFC3
AFC2
AFC1
AFC0
BIT
SYMBOL
FUNCTION
AFCON.7
ENB
enable DAC output
AFCON.6
−
not used.
AFCON.5
AFC5
6-bit value for DAC output according to Table 47
AFCON.4
AFC4
AFCON.3
AFC3
AFCON.2
AFC2
AFCON.1
AFC1
AFCON.0
AFC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com