Electronic Components Datasheet Search
  English  ▼

X  

PCA5007 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # PCA5007
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5007 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button PCA5007 Datasheet HTML 67Page - NXP Semiconductors PCA5007 Datasheet HTML 68Page - NXP Semiconductors PCA5007 Datasheet HTML 69Page - NXP Semiconductors PCA5007 Datasheet HTML 70Page - NXP Semiconductors PCA5007 Datasheet HTML 71Page - NXP Semiconductors PCA5007 Datasheet HTML 72Page - NXP Semiconductors PCA5007 Datasheet HTML 73Page - NXP Semiconductors PCA5007 Datasheet HTML 74Page - NXP Semiconductors PCA5007 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 112 page
background image
1998 Oct 07
71
Philips Semiconductors
Product specification
Pager baseband controller
PCA5007
Notes
1. This opcode works in a slightly different way to a standard 80C51 CPU. If the direct field addresses one of the I/O
ports (P0 to P3) then the standard 80C51 uses the port pin input state for the operation while the PCA5007 uses the
SFR contents.
2. This opcode works in a slightly different way to a standard 80C51 CPU. If the direct bit field addresses one of the
port bits, then the state of the corresponding port pin is written to the port SFR after execution of the instruction.
ANL
C,bit
AND direct bit to carry flag
2
0.540
2.187
82
ANL
C,/bit
AND complement of direct bit to carry flag
2
0.563
2.388
B0
ORL(2)
C,bit
OR direct bit to carry flag
2
0.561
2.341
72
ORL
C,/bit
OR complement of direct bit to carry flag
2
0.561
2.341
A0
MOV
C,bit
move direct bit to carry flag
2
0.610
2.542
A2
MOV
bit,C
move carry flag to direct bit
2
0.610
2.542
92
Program and machine control
ACALL addr11
absolute subroutine call
2
0.840
3.384
•1 addr
LCALL
addr16
long subroutine call
3
1.082
4.562
12
RET
return from subroutine
1
1.082
4.562
22
RETI
return from interrupt
1
1.082
4.562
32
AJMP
addr11
absolute jump
2
0.670
2.524
♦1 addr
LJMP
addr16
long jump
3
0.840
3.384
02
SJMP
rel
short jump (relative address)
2
0.670
2.524
80
JMP
@A+DPTR
jump indirect relative to the DPTR
1
1.049
4.015
73
JZ
rel
jump if A is zero
2
0.639
2.224
60
JNZ
rel
jump if A is not zero
2
0.754
2.896
70
JC
rel
jump if carry flag is set
2
0.620
2.128
40
JNC
rel
jump if carry flag is not set
2
0.733
2.705
50
JB
bit,rel
jump if direct bit is set
3
0.788
3.095
20
JNB
bit,rel
jump if direct bit is not set
3
0.902
3.708
30
JBC
bit,rel
jump if direct bit is set and clear bit
3
0.894
3.520
10
CJNE
A,direct,rel
compare direct to A and jump if not equal
3
0.855
3.307
B5
CJNE
A,#data,rel
compare immediate to A and jump if not
equal
3
0.794
3.024
B4
CJNE
Rn,#data,rel
compare immediate to register and jump if
not equal
3
0.787
3.139
B*
CJNE
@Ri,#data,rel
compare immediate to indirect and jump if
not equal
3
0.822
3.333
B6, B7
DJNZ
Rn,rel
decrement register and jump if not zero
2
0.857
3.474
D*
DJNZ
direct,rel
decrement direct and jump if not zero
3
0.991
4.178
D5
NOP
no operation
1
0.284
1.027
00
MNEMONIC
DESCRIPTION
BYTES
EXEC.
TIME
(
µs)
ENERGY
[NJ]
OPCODE
(HEX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com