Electronic Components Datasheet Search
  English  ▼

X  

PCA5007 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # PCA5007
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5007 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button PCA5007 Datasheet HTML 45Page - NXP Semiconductors PCA5007 Datasheet HTML 46Page - NXP Semiconductors PCA5007 Datasheet HTML 47Page - NXP Semiconductors PCA5007 Datasheet HTML 48Page - NXP Semiconductors PCA5007 Datasheet HTML 49Page - NXP Semiconductors PCA5007 Datasheet HTML 50Page - NXP Semiconductors PCA5007 Datasheet HTML 51Page - NXP Semiconductors PCA5007 Datasheet HTML 52Page - NXP Semiconductors PCA5007 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 112 page
background image
1998 Oct 07
49
Philips Semiconductors
Product specification
Pager baseband controller
PCA5007
Table 50 Interrupt controller related SFRs: IEN0 (A8H), IEN1 (E8H), IP0 (B8H), IP1 (F8H), IRQ1 (C0H), TCON (88H),
WUCON (94H) and RTCON (CDH)
BITS
CONV.
NAME
SOURCE
NOTES
IEN0 address A8H: interrupt enable for X0, X1, T0, T1, T2, S0, S1 and global interrupt enable (note 1)
0
EX0
P3.2
Enables or disables EXTERNAL0 interrupt. If EX0 = 0, the external interrupt 0 is
disabled.
1
ET0
TIMER 0
Enables or disables the TIMER 0 overflow interrupt. If ET0 = 0, the Timer 0 interrupt
is disabled.
2
EX1
P3.3
Enables or disables the EXTERNAL1 interrupt. If EX1 = 0, external interrupt 1 is
disabled.
3
ET1
TIMER 1
Enables or disables TIMER 1 overflow interrupt. If ET1 = 0, the Timer 1 interrupt is
disabled.
4
ES0
UART
Enables or disables the UART interrupt. If ES0 = 0, the UART interrupt is disabled.
5
ES1
I2C
Enables or disables the I2C-bus interrupt. If ES1 = 0, the I2C-bus interrupt is disabled.
6
ET2
WAKE-UP Enables or disables the WAKE-UP interrupt. If ET2 = 0, the wake-up interrupt is
disabled.
7
EA
/
Disables all interrupts. If EA = 0, no interrupt will be acknowledged. If EA = 1, each
interrupt source is individually enabled or disabled by setting or clearing its enable bit.
IEN1 address E8H: interrupt enable for X2 to X9 (note 1)
0
EX2
P1.0
Enables or disables interrupts on P1.0. If EX2 = 0, the corresponding interrupt is
disabled.
1
EX3
P1.1
Enables or disables interrupts on P1.1. If EX3 = 0, the corresponding interrupt is
disabled.
2
EX4
P1.2
Enables or disables interrupts on P1.2. If EX4 = 0, the corresponding interrupt is
disabled.
3
EX5
SYMBOL
Enables or disables the SYMBOL interrupt. If EX5 = 0, the SYMBOL interrupt is
disabled.
4
EX6
P1.4
Enables or disables interrupts on P1.4. If EX6 = 0, the corresponding interrupt is
disabled.
5
EX7
DC/DC
Enables or disables the DC/DC CONVERTER interrupt. If EX7 = 0, the DC/DC
converter interrupt is disabled.
6
EX8
WDI
Enables or disables interrupts on the WATCHDOG. If EX8 = 0, the WDINT interrupt is
disabled.
7
EX9
MIN
Enables or disables REAL-TIME CLOCK interrupt. If EX9 = 0, the MINUTE interrupt
is disabled.
IP0 address B8H: interrupt priority for X0, X1, T0, T1, T2, S0 and S1 (note 2)
0
PX0
P3.2
Defines the EXTERNAL0 interrupt 0 priority level. PX0 = 1 programs it to the higher
priority level.
1
PT0
TIMER 0
Enables or disables the TIMER 0 interrupt priority level. PT0 = 1 programs it to the
higher priority level.
2
PX1
P3.3
Defines the EXTERNAL1 interrupt priority level. PX1 = 1 programs it to the higher
priority level.
3
PT1
TIMER 1
Defines the TIMER 1 interrupt priority level. PT1 = 1 programs it to the higher priority
level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com