Electronic Components Datasheet Search
  English  ▼

X  

PCA5007 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # PCA5007
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5007 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button PCA5007 Datasheet HTML 80Page - NXP Semiconductors PCA5007 Datasheet HTML 81Page - NXP Semiconductors PCA5007 Datasheet HTML 82Page - NXP Semiconductors PCA5007 Datasheet HTML 83Page - NXP Semiconductors PCA5007 Datasheet HTML 84Page - NXP Semiconductors PCA5007 Datasheet HTML 85Page - NXP Semiconductors PCA5007 Datasheet HTML 86Page - NXP Semiconductors PCA5007 Datasheet HTML 87Page - NXP Semiconductors PCA5007 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 112 page
background image
1998 Oct 07
84
Philips Semiconductors
Product specification
Pager baseband controller
PCA5007
Fig.41 Measured battery current consumption as function of mean microcontroller instruction rate.
VBAT = 1.2 V.
(1) DC/DC converter in normal mode.
(2) DC/DC converter in standby mode.
(3) DC/DC converter in off mode.
handbook, full pagewidth
0
0.4
1.6
MIPS
2
1.2
0.8
10
1
10−1
10−2
10−3
MGR145
(2)
(3)
(1)
IBAT
(mA)
Fig.42 Supply current in off mode.
handbook, halfpage
0.8
1
1.2
1.6
10
0
8
MGR146
1.4
6
4
2
VBAT (V)
IBAT
(
µA)
VDD =VBAT, microcontroller idle, all functions disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com