Electronic Components Datasheet Search
  English  ▼

X  

ATA6621 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATA6621
Description  LIN Transceiver with 5V Regulator and Watchdog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6621 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATA6621 Datasheet HTML 3Page - ATMEL Corporation ATA6621 Datasheet HTML 4Page - ATMEL Corporation ATA6621 Datasheet HTML 5Page - ATMEL Corporation ATA6621 Datasheet HTML 6Page - ATMEL Corporation ATA6621 Datasheet HTML 7Page - ATMEL Corporation ATA6621 Datasheet HTML 8Page - ATMEL Corporation ATA6621 Datasheet HTML 9Page - ATMEL Corporation ATA6621 Datasheet HTML 10Page - ATMEL Corporation ATA6621 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7
4887D–AUTO–12/06
ATA6621
In Silent Mode, the 5V regulator is in low tolerance mode (4.65V to 5.35V) and can source up to
50 mA. The internal slave termination between pin LIN and pin VS is disabled to minimize the
power dissipation in case pin LIN is shorted to GND. Only a weak pull-up current (typically
10 µA) between pin LIN and pin VS is present.
The Silent Mode voltage tolerance is sufficient to run the internal timers of the microcontroller.
The undervoltage reset is now V
ccthS < 4.4V. If an undervoltage condition occurs, the NRES is
switched to low and the ATA6621 changes state to Pre Normal Mode.
A falling edge at pin LIN followed by a dominant bus level maintained for a certain time period
(T
bus) results in a remote wake-up request. The device switches from Silent Mode to Pre Normal
Mode. The internal LIN slave termination resistor is switched on. The remote wake-up request is
indicated by a low level at pin RXD to interrupt the microcontroller. (Figure 3-5 on page 10)
With EN high, you can switch directly from Silent Mode to Normal Mode.
Figure 3-2.
Switch to Silent Mode
Delay time Silent Mode
Td_sleep = maximum 15 µs
Mode Select window
LIN switches directly to recessive mode
Td = 3.2 µs
LIN
VCC
NRES
TXD
EN
Silent Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com