Electronic Components Datasheet Search
  English  ▼

X  

ATA6621 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATA6621
Description  LIN Transceiver with 5V Regulator and Watchdog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6621 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATA6621 Datasheet HTML 9Page - ATMEL Corporation ATA6621 Datasheet HTML 10Page - ATMEL Corporation ATA6621 Datasheet HTML 11Page - ATMEL Corporation ATA6621 Datasheet HTML 12Page - ATMEL Corporation ATA6621 Datasheet HTML 13Page - ATMEL Corporation ATA6621 Datasheet HTML 14Page - ATMEL Corporation ATA6621 Datasheet HTML 15Page - ATMEL Corporation ATA6621 Datasheet HTML 16Page - ATMEL Corporation ATA6621 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13
4887D–AUTO–12/06
ATA6621
Figure 3-7.
Power Dissipation: Safe Operating Area versus V
CC Output Current and Supply
Voltage V
S at Different Ambient Temperatures
3.17
Watchdog
The watchdog anticipates a trigger signal from the microcontroller at the NTRIG (negative edge)
or the PTRIG (positive edge) input within a period time window of T
wd. The trigger signal must
exceed a minimum time t
trigmin > 3 µs. If a triggering signal is not received, a reset signal will be
generated at output NRES. The timing basis of the watchdog is provided by the internal oscilla-
tor, of which the time period T
osc is adjustable via the external resistor Rwd_osc (10 kΩ to 120 kΩ).
In Silent or Sleep Mode, the watchdog is switched off to reduce current consumption.
Minimum time for first watchdog pulse is required after the undervoltage reset at NRES disap-
pears and is defined as lead time t
d.
3.17.1
Typical Timing Sequence with R
wd_osc = 51 kΩ
The trigger signal T
wd is adjustable between 2.9 ms and 33 ms via the external resistor Rwd_osc.
For example, with an external resistor of R
wd_oscSC =51kΩ ±1%, the typical parameters of the
watchdog come out as follows:
t
OSC = 12.5 µs due to 51 kΩ
t
d =3922 × 12.5 µs = 49 ms
t
1 =800 × 12.5 µs = 10 ms
t
2 =840 × 12.5 µs = 10.5 ms
t
nres =157 × 12.5 µs = 1.96 ms
0
5
10
15
20
25
30
35
40
45
50
55
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
VS (V)
T
amb = 125˚C
T
amb = 105˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com