Electronic Components Datasheet Search
  English  ▼

X  

ATA6621 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ATA6621
Description  LIN Transceiver with 5V Regulator and Watchdog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6621 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ATA6621 Datasheet HTML 19Page - ATMEL Corporation ATA6621 Datasheet HTML 20Page - ATMEL Corporation ATA6621 Datasheet HTML 21Page - ATMEL Corporation ATA6621 Datasheet HTML 22Page - ATMEL Corporation ATA6621 Datasheet HTML 23Page - ATMEL Corporation ATA6621 Datasheet HTML 24Page - ATMEL Corporation ATA6621 Datasheet HTML 25Page - ATMEL Corporation ATA6621 Datasheet HTML 26Page - ATMEL Corporation ATA6621 Datasheet HTML 27Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
23
4887D–AUTO–12/06
ATA6621
Figure 5-2.
Application Circuit
67
8
10
9
20
19
18
MLP 5 mm
× 5 mm
0.65 mm pitch
20 lead
ATA6621
16
11
12
13
14
15
TXD
NRES
WD_OSC
TM
MODE
Master node
pull-up
GND
WAKE
Wake-up
switch
10 k
Ω
1 k
Ω
33 k
Ω
10 k
Ω
NTRIG
PTRIG
NTRIG
PTRIG
Microcontroller
RESET
TXD
RXD
EN
VCC
VBattery
EN
5
4
3
2
1
17
220 pF
100 nF
22 µF
+
100 nF
22 µF
1 nF
+
10 k
Ω
debug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com