Electronic Components Datasheet Search
  English  ▼

X  

ATA6621 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATA6621
Description  LIN Transceiver with 5V Regulator and Watchdog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6621 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATA6621 Datasheet HTML 1Page - ATMEL Corporation ATA6621 Datasheet HTML 2Page - ATMEL Corporation ATA6621 Datasheet HTML 3Page - ATMEL Corporation ATA6621 Datasheet HTML 4Page - ATMEL Corporation ATA6621 Datasheet HTML 5Page - ATMEL Corporation ATA6621 Datasheet HTML 6Page - ATMEL Corporation ATA6621 Datasheet HTML 7Page - ATMEL Corporation ATA6621 Datasheet HTML 8Page - ATMEL Corporation ATA6621 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Features
• Supply Voltage up to 40V
• Operating Voltage V
S = 5V to 18V
• Slew Rate Control according to LIN Specification 2.0
• Supply Current during Sleep Mode Typically 10 µA
• Supply Current in Silent Mode Typically 40 µA
• Linear Low-drop Voltage Regulator:
– Normal Mode: VCC = 5V ±2%/50 mA
– Silent Mode: V
CC = 5V ±7%/50 mA
– Sleep Mode: V
CC is Switched Off
• V
CC Undervoltage Detection (10 ms Reset time) and Watchdog Reset Logically
Combined at Output NRES
• Possibility of Boosting the Voltage Regulator with an External NPN Transistor
• LIN Physical Layer according to LIN Specification 2.0
• Wake-up Capability via LIN Bus or WAKE Pin
• Wake-up Recognition
• TXD Time-out Timer
• Debug Mode Watchdog Is Switched Off
• 60V Load Dump Protection at LIN Pin
• Bus Pin is Overtemperature and Short Circuit Protected versus GND and Battery
• Adjustable Watchdog Time via External Resistor
• Positive and Negative Trigger Input for Watchdog
• 5V CMOS Compatible I/O Pins to MCU
• Analog Temperature Monitor Output
• High EMC and ESD Level
• Package: QFN 5
× 5 with 20 Pins
1.
Description
The ATA6621 is a fully integrated LIN transceiver, complying with the LIN specifica-
tion, and with a low-drop voltage regulator for 5V/50 mA output and a window
watchdog adjustable via an external resistor. In this QFN20 package, the voltage reg-
ulator is able to source 50 mA at V
S = 18V even at an ambient temperature of 105°C.
The output current of the regulator can be boosted by using an external NPN transis-
tor. This combination makes it possible to develop simple, but powerful and cheap,
slave nodes in LIN bus systems. ATA6621 is designed to handle the low speed data
communication in vehicles, for example, in convenience electronics. Improved slope
control at the LIN driver ensures secure data communication up to 20 kBaud. The bus
output is capable of withstanding 60V. Sleep Mode and Silent Mode guarantee a very
low current consumption.
LIN Transceiver
with 5V
Regulator and
Watchdog
ATA6621
4887D–AUTO–12/06


Similar Part No. - ATA6621

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
LIN Transceiver with 5V Regulator and Watchdog
ATA6621-PGQW ATMEL-ATA6621-PGQW Datasheet
386Kb / 26P
LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N Datasheet
496Kb / 28P
LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N Datasheet
480Kb / 28P
LIN Transceiver with 5V Regulator and Watchdog
ATA6621N-PGPW ATMEL-ATA6621N-PGPW Datasheet
496Kb / 28P
LIN Transceiver with 5V Regulator and Watchdog
More results

Similar Description - ATA6621

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
LIN Transceiver with 5V Regulator and Watchdog
ATA6602 ATMEL-ATA6602 Datasheet
4Mb / 362P
Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N Datasheet
496Kb / 28P
LIN Transceiver with 5V Regulator and Watchdog
ATA6622 ATMEL-ATA6622 Datasheet
494Kb / 29P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N_09 Datasheet
480Kb / 28P
LIN Transceiver with 5V Regulator and Watchdog
ATA6622 ATMEL-ATA6622_09 Datasheet
910Kb / 29P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6624C-PGQW ATMEL-ATA6624C-PGQW Datasheet
2Mb / 29P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6628 ATMEL-ATA6628_14 Datasheet
1Mb / 36P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6630 ATMEL-ATA6630_14 Datasheet
1Mb / 36P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com