Electronic Components Datasheet Search
  English  ▼

X  

DP83816 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83816
Description  10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II )
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83816 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button DP83816 Datasheet HTML 45Page - National Semiconductor (TI) DP83816 Datasheet HTML 46Page - National Semiconductor (TI) DP83816 Datasheet HTML 47Page - National Semiconductor (TI) DP83816 Datasheet HTML 48Page - National Semiconductor (TI) DP83816 Datasheet HTML 49Page - National Semiconductor (TI) DP83816 Datasheet HTML 50Page - National Semiconductor (TI) DP83816 Datasheet HTML 51Page - National Semiconductor (TI) DP83816 Datasheet HTML 52Page - National Semiconductor (TI) DP83816 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 106 page
background image
49
www.national.com
4.0 Register Set (Continued)
Bit
Bit Name
Description
27-26
IFG
Interframe Gap Time
This field allows the user to adjust the interframe gap time below the standard 9.6
µs @10 Mb/s and
960ns @100 Mb/s. The time can be programmed from 9.6
µs to 8.4µs @10 Mb/s and 960ns to 840ns
@100 Mb/s. Note that any value other than zero may violate the IEEE 802.3 standard. The formula for
the interframe gap is:
9.6
µs - 0.4(IFG[1:0]) µs @10 Mb/s and
960ns - 40(IFG[1:0])ns @100 Mb/s
25-24
Reserved for NSC internal use only.
Must be written as a 00 otherwise. R/W
23
ECRETRY
Excessive Collision Retry Enable
This bit enables automatic retries of excessive collisions. If set, the transmitter will retry the packet up to
4 excessive collision counts, for a total of 64 attempts. If the packet still does not complete successfully,
then the transmission will be aborted after the 64th attempt. If this bit is not set, then the transmit will be
aborted after the 16th attempt. Note that setting this bit will change how collisions are reported in the
status field of the transmit descriptor.
22-20
MXDMA
Max DMA Burst Size per Tx DMA Burst
This field sets the maximum size of transmit DMA data bursts according to the following table:
000 = 128 32-bit words (512 bytes)
001 = 1 32-bit word (4 bytes)
010 = 2 32-bit words (8 bytes)
011 = 4 32-bit words (16 bytes)
100 = 8 32-bit words (32 bytes)
101 = 16 32-bit words (64 bytes)
110 = 32 32-bit words (128 bytes)
111 = 64 32-bit words (256 bytes)
NOTE: The MXDMA setting value MUST not be greater than the TXCFG:FLTH (Tx Fill Threshold) value.
19
unused
18
Reserved for NSC internal use only.
Must be set to 1. Setting this bit to 0 selects a non-standard back-off algorithm that could increase the
likelihood of excessive collisions.
17-14
unused
13-8
FLTH
Tx Fill Threshold
Specifies the fill threshold in units of 32 bytes. When the number of available bytes in the transmit FIFO
reaches this level, the transmit bus master state machine will be allowed to request the PCI bus for
transmit packet fragment reads. A value of 0 in this field will produce unexpected results and must not be
used.
Note: The FLTH value should be greater than the TXCFG:MXDMA value, but less than (txFIFOsize -
TXCFG:DRTH). In order to prevent FIFO pointer overlap internal to the device, the sum of the FLTH and
TXCFG:DRTH values should not exceed 2016 Bytes.
7-6
unused
5-0
DRTH
Tx Drain Threshold
Specifies the drain threshold in units of 32 bytes. When the number of bytes in the FIFO reaches this
level (or the FIFO contains at least one complete packet) the MAC transmit state machine will begin the
transmission of a packet.
NOTE: In order to prevent a deadlock condition from occurring, the DRTH value should always be less
than (txFIFOsize - TXCFG:FLTH). A value of 0 in this field will produce unexpected results and must not
be used. Also, in order to prevent FIFO pointer overlap internal to the device, the sum of the DRTH and
TXCFG:FLTH values should not exceed 2016 Bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com