Electronic Components Datasheet Search
  English  ▼

X  

DP83816 Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83816
Description  10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II )
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83816 Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button DP83816 Datasheet HTML 67Page - National Semiconductor (TI) DP83816 Datasheet HTML 68Page - National Semiconductor (TI) DP83816 Datasheet HTML 69Page - National Semiconductor (TI) DP83816 Datasheet HTML 70Page - National Semiconductor (TI) DP83816 Datasheet HTML 71Page - National Semiconductor (TI) DP83816 Datasheet HTML 72Page - National Semiconductor (TI) DP83816 Datasheet HTML 73Page - National Semiconductor (TI) DP83816 Datasheet HTML 74Page - National Semiconductor (TI) DP83816 Datasheet HTML 75Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 106 page
background image
71
www.national.com
4.0 Register Set (Continued)
4.3.9 PHY Status Register
This register provides a single location within the register set for quick access to commonly accessed information.
12
ACK2
Acknowledge2: Default: 0
1 = Will comply with message
0 = Cannot comply with message
Acknowledge2 is used by the next page function to indicate that Local Device has the ability to comply
with the message received.
11
TOG_TX
Toggle: Default: 0, RO
1 = Value of toggle bit in previously transmitted Link Code Word was 0
0 = Value of toggle bit in previously transmitted Link Code Word was 1
Toggle is used by the Arbitration function within Auto-Negotiation to ensure synchronization with the Link
Partner during Next Page exchange. This bit shall always take the opposite value of the Toggle bit in the
previously exchanged Link Code Word.
10:0
CODE
Code Field: Default: <000 0000 0001>
This field represents the code field of the next page transmission. If the MP bit is set (bit 13 of this
register), then the code shall be interpreted as a "Message Page”, as defined in annex 28C of IEEE
802.3u. Otherwise, the code shall be interpreted as an "Un-formatted Page”, and the interpretation is
application specific.
The default value of the CODE represents a Null Page as defined in Annex 28C of IEEE 802.3u.
Tag: PHYSTS
Size: 16 bits
Hard Reset: 0000h
Offset: 00C0h
Access: Read Only
Bit
Bit Name
Description
15:14
Reserved
Reserved: Write ignored, read as 0.
13
Receive Error
Latch
Receive Error Latch:
This bit will be cleared upon a read of the RECR register.
1 = Receive error event has occurred since last read of RXERCNT (address 0xD4)
0 = No receive error event has occurred
12
Polarity
Status
Polarity Status:
This bit is a duplication of bit 4 in the TBTSCR register. This bit will be cleared upon a read of the TBTSCR
register, but not upon a read of the PHYSTS register.
1 = Inverted Polarity detected
0 = Correct Polarity detected
11
False Carrier
Sense Latch
False Carrier Sense Latch: Default: 0, RO/LH
This bit will be cleared upon a read of the FCSCR register.
1 = False Carrier event has occurred since last read of FCSCR (address 0xD0)
0 = No False Carrier event has occurred
10
Signal Detect Signal Detect: Default: 0, RO/LL
100BASE-TX unconditional Signal Detect from PMD.
9
De-scrambler
Lock
De-scrambler Lock: Default: 0, RO/LL
100BASE-TX De-scrambler Lock from PMD.
8
Page
Received
Link Code Word Page Received:
This is a duplicate of the Page Received bit in the ANER register, but this bit will not be cleared upon a
read of the PHYSTS register.
1 = A new Link Code Word Page has been received. Cleared on read of the ANER (address 0x98, bit 1)
0 = Link Code Word Page has not been received
7
MII Interrupt
MII Interrupt Pending: Default: 0, RO/LH
1 = Indicates that an internal interrupt is pending, cleared by the current read
0 = No interrupt pending
Bit
Bit Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com