Electronic Components Datasheet Search
  English  ▼

X  

DP83816 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83816
Description  10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II )
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83816 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DP83816 Datasheet HTML 8Page - National Semiconductor (TI) DP83816 Datasheet HTML 9Page - National Semiconductor (TI) DP83816 Datasheet HTML 10Page - National Semiconductor (TI) DP83816 Datasheet HTML 11Page - National Semiconductor (TI) DP83816 Datasheet HTML 12Page - National Semiconductor (TI) DP83816 Datasheet HTML 13Page - National Semiconductor (TI) DP83816 Datasheet HTML 14Page - National Semiconductor (TI) DP83816 Datasheet HTML 15Page - National Semiconductor (TI) DP83816 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 106 page
background image
3.0 Functional Description (Continued)
12
www.national.com
Figure 3-2
MAC/BIU Functional Block Diagram
3.1 MAC/BIU
The MAC/BIU is a derivative design from the DP83810
(Euphrates). The original MAC/BIU design has been
optimized to improve logic efficiency and enhanced to add
features consistent with current market needs and
specification compliance. The MAC/BIU design blocks are
discussed in this section.
3.1.1 PCI Bus Interface
This block implements PCI v2.2 bus protocols, and
configuration space. Supports bus master reads and writes
to CPU memory, and CPU access to on-chip register
space. Additional functions provided include: configuration
control, serial EEPROM access with auto configuration
load, interrupt control, power management control with
support for PME or CLKRUN function.
3.1.1.1 Byte Ordering
The DP83816 can be configured to order the bytes of data
on the AD[31:0] bus to conform to little endian or big
endian ordering through the use of the Configuration
Register, bit 0 (CFG:BEM). By default, the device is in little
endian ordering. Byte ordering only affects data FIFOs.
Register information remains bit aligned (i.e. AD[31] maps
to bit 31 in any register space, AD[0] maps to bit 0, etc.).
Tx Buffer Manager
MIB
Tx MAC
Rx MAC
Data FIFO
93C46
Serial
EEPROM
MAC/BIU
32
15
32
32
32
32
32
16
32
32
4
4
32
Rx Filter
Pkt Recog
Logic
SRAM
Rx Buffer Manager
Data FIFO
Boot ROM/
Flash
PCI Bus
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com