Electronic Components Datasheet Search
  English  ▼

X  

8041 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 8041
Description  Insertion magnetic inductive flowmeter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8041 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 8041 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Type 8041
6 | 19
Visit product website 
Approvals and conformities
Directives
CE directive
Further information on the CE Directive can be found in chapter “2.3. Standards” on page 7.
Pressure equipment directive
Complying with article 4, paragraph 1 of 2014/68/EU directive
Further information on the pressure equipment directive can be found in chapter “2.4. Pressure
Equipment Directive (PED)” on page 7.
North America (USA/Canada)
UL Recognized for the USA and Canada
Foods and beverages/Hygiene
• FDA declaration of conformity (only for stainless steel or PVDF sensor with FKM or EPDM seals)
• ECR1935/2004 declaration (only for stainless steel sensor with EPDM seals)
Environment and installation
Ambient temperature
• Operation: - 10…+ 60 °C (+ 14…+ 140 °F)
• Storage: - 20…+ 60 °C (- 4…+ 140 °F)
Relative air humidity
≤ 80 %, without condensation
Height above sea level
Max. 2000 m
Operating condition
Continuous
Equipment mobility
Fixed
Application range
Indoor and outdoor
Protect the device against electromagnetic interference, ultraviolet rays and, when installed outdoors,
against the effects of climatic conditions.
Degree of protection 2.) according
to IEC/EN 60529
IP65 with the following conditions met:
• device wired
• cover screwed tight
• cable glands mounted and tightened
• with blind plug on unused cable glands
Installation category
Category I according to UL/EN 61010-1
Pollution degree
Degree 2 according to UL/EN 61010-1
1.) Under reference conditions i.e. measuring medium = water, ambient and water temperature = + 20 °C (+ 68 °F), observing the minimum the minimum inlet and outlet sections and the
appropriate inner diameter of the pipe.
2.) Not evaluated by UL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com