Electronic Components Datasheet Search
  English  ▼

X  

8041 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 8041
Description  Insertion magnetic inductive flowmeter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8041 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 8041 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Type 8041
9 | 19
Visit product website 
4.
Dimensions
4.1. Flowmeter
With G 2" process connection
Note:
• Dimensions in mm, unless otherwise stated
• The length of the flow probe depends on the used Insertion fitting Type S020 and its nominal diameter.
See data sheet Type S020  for more information or chapter “9.2. Combination of the device with available Type S020 Insertion
fittings DN” on page 16.
116
88
M20 x 1.5
With clamp process connection
Note:
Dimensions in mm, unless otherwise stated
88
M20 x 1.5
116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com