Electronic Components Datasheet Search
  English  ▼

X  

8041 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 8041
Description  Insertion magnetic inductive flowmeter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8041 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 8041 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Type 8041
12 | 19
Visit product website 
6.
Product installation
6.1. Installation notes
Note:
The device is not suitable for use in gaseous media and steam.
Minimum straight distances upstream and downstream of the sensor must be observed. These stabilizing distances depend on the pipe’s
design. Increasing these distances or installing a flow conditioner may be necessary to obtain the best accuracy. Fore more information,
refer to EN ISO 5167-1.
EN ISO 5167-1 specifies the straight inlet and outlet distances that must be complied with when installing fittings in pipe lines in order to
achieve calm flow conditions. The most commonly used elements that could lead to turbulence in the flow are shown below. The related
minimum inlet and outlet distances that ensure a calm flow are also specified.
Make sure that the measuring conditions at the point of measurement are calm and problem-free.
50 x DN 5 x DN
40 x DN 5 x DN
25 x DN 5 x DN
20 x DN 5 x DN
18 x DN 5 x DN
15 x DN 5 x DN
Regulating valve1.)
2 x 90° elbow joint
3 dimensional
90° elbow joint
or T-piece
Expansion2.)
Reduction
2 x 90° elbow joint
Fluid direction 
DN = Orifice
1.) If the valve cannot be mounted after the measuring device, the minimal distances have to be respected.
2.) If an expansion cannot be avoided, the minimal distances have to be respected.
Please note minimum flow velocity
The device can be installed in either horizontal or vertical pipes, but following additional conditions should be respected:
• The pipe always has to be filled with fluid at all times near the device.
• The pipe design must be such that no air bubbles or cavitation can form within the medium near the device at any time.
Correct
Incorrect
Correct
Correct
Incorrect
Incorrect
Correct
Incorrect
Pressure and temperature ratings must be respected according to the selected fitting material. The suitable pipe size is selected using the
diagram in the chapter “Nominal size selection” of the data sheet Type S020 .
6.2. Mounting options
It is advisable to mount the flowmeter at a 45° angle to the horizontal centre of the pipe to avoid having deposits on the electrodes and false
measurements due to air bubbles
45°
45°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com