Electronic Components Datasheet Search
  English  ▼

X  

8041 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 8041
Description  Insertion magnetic inductive flowmeter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8041 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 8041 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Type 8041
10 | 19
Visit product website 
4.2. Flowmeter installed in an Insertion fitting Type S020
With G 2" process connection
Note:
Dimensions in mm, unless otherwise stated
DN
H
T-Fitting
Saddle
Plastic spigot
Metal spigot
06
163
–
–
–
08
163
–
–
–
15
168
–
–
–
20
166
–
–
–
25
166
–
–
–
32
169
–
–
–
40
173
–
–
169
50
179
204
–
174
65
179
203
187
180
80
–
207
193
185
100
–
212
200
195
110
–
208
–
–
125
–
215
235
206
150
–
225
242
217
180
–
249
–
–
200
–
261
263
238
250
–
–
281
298
300
–
–
293
317
350
–
–
306
329
400
–
–
321
–
With clamp process connection
Note:
Dimensions in mm, unless otherwise stated
DN
H
T-Fitting
32
181
40
186
50
191
65
199
80
205
100
211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com