Electronic Components Datasheet Search
  English  ▼

X  

8041 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8041
Description  Insertion magnetic inductive flowmeter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8041 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8041 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8041 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Visit product website 
DATA SHEET
Type 8025
Insertion flowmeter/batch
controller with paddle
wheel and flow transmit-
ter/remote batch control-
ler
Type 8802
ELEMENT continuous
control valve systems -
overview
Type 8619
multiCELL - Multi-channel
and multi-function
transmitter/controller
Type 8644
AirLINE SP electropneu-
matic automation system
Standard | EU | en | 2023-12-19 | 19
Insertion magnetic inductive flowmeter
• Sensor without moving parts
• Flowmeter with On/Off control
• Application related calibration by Teach-In function
• Clean in place (CIP)
• FDA-compliant materials
The electromagnetic flowmeter Type 8041 is made up of an electronic module and
a sensor consisting of PVDF or stainless steel material. It has been designed to
measure a flow rate of neutral and slightly aggressive fluids with a conductivity of
more than 20 µS/cm in DN 06…DN 400 pipes.
The Type 8041 is fitted with a 4…20 mA output, a pulse output and a relay output.
The different parameters can be set by means of 5 DIP switches, a push-button
and a 10-field LED bar graph.
This flowmeter is available either with a G 2" connection with a PVDF sensor or, a
G 2" or clamp connection with a stainless steel sensor which are designed for use
with an Insertion fitting Type S020.
The variant with a stainless steel sensor can be used in applications with higher
pressures (PN 16) and higher temperatures (150 °C).
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8041
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8041

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8041 FILTRAN-8041 Datasheet
191Kb / 1P
CHOKE Surface Mount Common Mode Choke
logo
RHOPOINT COMPONENTS
8041 RHOPOINT-8041 Datasheet
66Kb / 2P
DIP Reed Relays
logo
Videk Ltd
8041 VIDEK-8041 Datasheet
209Kb / 1P
Gender Changers & Port Savers Computer Port Savers
logo
Sonardyne sound in dept...
8041-000-01 SONARDYNE-8041-000-01 Datasheet
133Kb / 2P
Radian - Miniature Attitude & Heading Reference System
8041-000-02 SONARDYNE-8041-000-02 Datasheet
133Kb / 2P
Radian - Miniature Attitude & Heading Reference System
More results

Similar Description - 8041

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-69B FUJI-EDS6-69B Datasheet
233Kb / 16P
INTEGRAL TYPE ELECTROMAGNETIC FLOWMETER
EDS6-70B FUJI-EDS6-70B Datasheet
240Kb / 18P
SEPARATE TYPE ELECTROMAGNETIC FLOWMETER
logo
Panasonic Semiconductor
ZU-1890MU1 PANASONIC-ZU-1890MU1 Datasheet
151Kb / 10P
Manual Insertion Type Magnetic Card Reader
logo
TT Electronics.
DS1132 TTELEC-DS1132 Datasheet
495Kb / 2P
Platon Plastic VA Flowmeter
DS1170 TTELEC-DS1170 Datasheet
428Kb / 2P
Platon Anaesthetic VA Flowmeter
DS3911 TTELEC-DS3911 Datasheet
275Kb / 1P
GU Flowmeter Accessories
DS3921 TTELEC-DS3921 Datasheet
327Kb / 1P
PG/PGU Flowmeter Accessories
logo
ifm electronic Ltd.
SM8050 IFM-SM8050 Datasheet
294Kb / 4P
Magnetic-inductive flow meter
logo
Molex Electronics Ltd.
62202-9560 MOLEX-62202-9560 Datasheet
257Kb / 2P
10GBE 2-by-1 Magnetic Jack Insertion Tool
04-07-20
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
Electromagnetic flowmeter
2022-06-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com