Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Pressure transmitter for general applications, 0…25 bar
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8802 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Type 8325
3 | 13
Visit product website 
1.
General technical data
Product properties
Material
Please make sure the device materials are compatible with the fluid you are using.
Detailed information can be found in chapter “3.1. Chemical Resistance Chart – Bürkert resistApp” on page 6.
Non wetted parts
Housing
• Standard variant < 0.4 bar: stainless steel 1.4301 (304)
• Standard variant ≥ 0.4 bar or with flush diaphragm variant: stainless steel 1.4571
(316Ti)
Female cable plug/male fixed plug
PBT/PET GF30
Wetted parts
Process connection
• Standard variant < 0.4 bar: stainless steel 1.4571 (316Ti)
• Standard variant ≥ 0.4 bar:
– stainless steel 1.4404 (316L) (for ≤ 10 bar (150 PSI))
– stainless steel 1.4534 (13-8 PH) (for > 10 bar (150 PSI))
• Standard flush diaphragm variant: stainless steel 1.4571 (316Ti), FKM seal
• Hygienic flush diaphragm variant: stainless steel 1.4404 (316L), EPDM seal
Measuring element
• Standard variant < 0.4 bar: stainless steel 1.4571 (316Ti)
• Standard variant ≥ 0.4 bar:
– stainless steel 1.4404 (316L) (for ≤ 10 bar (150 PSI))
– stainless steel 1.4534 (13-8 PH) (for > 10 bar (150 PSI))
• Standard flush diaphragm variant: stainless steel 1.4571 (316Ti), FKM seal
• Hygienic flush diaphragm variant: stainless steel 1.4404 (316L), EPDM seal
Seal
• Standard flush diaphragm variant: FKM
• Hygienic flush diaphragm variant: EPDM
Internal transmitting liquid
Synthetic Oil (for standard variants with pressure range < 10 bar (150 PSI) and for all
flush diaphragm units)
Compatibility
Any pipe with sensor connection
• for standard variant: G ½" A according to DIN16288
• for flush diaphragm variant:
– G 1" B with O-ring (range up to 1.6 bar)
– G½" B with O-ring (range > 1.6 bar)
– G 1" B hygienic variant (all ranges)
Dimensions
Detailed information can be found in chapter “4. Dimensions” on page 7.
Measured quantity
Relative pressure
Measuring range
Pressure reference = relative pressure [atmospheric]
• 0…0.1; 0.16; 0.25; 0.4; 0.6; 1.0; 1.6; 2.5; 4.0; 6.0; 10.0; 16.0 or 25.0 bar
• 0…10; 15; 25; 60; 100; 150; 250; 400 PSI
Detailed information can be found in chapter “7.3. Ordering chart” on page 11 .
Product accessory
Welding socket for pressure transmitter
• Standard flush diaphragm variant: G ½" B or G 1" B
• Hygienic flush diaphragm variant: G 1" B (hygienic)
Detailed information can be found in chapter “5. Product accessories” on page 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com