Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Pressure transmitter for general applications, 0…25 bar
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8802 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Type 8325
4 | 13
Visit product website 
Performance data
Compensated ambient temperature
range (Tamb)
0…+ 80 °C (+ 32…+ 176 °F)
Temperature coefficient (Tc)
In compensated T° range
Average Tc of zero
• Standard variant < 0.4 bar: ≤ ± 0.4 % of measuring span / 10K
• Standard variant ≥ 0.4 bar: ≤ ± 0.2 % of measuring span / 10K
• Flush diaphragm variant (standard + hygienic):
– ≤ ± 0.2 % of measuring span / 10K (measuring range > 0.25 bar)
– < ± 0.4 % of measuring span / 10K (measuring range ≤ 0.25 bar)
Average Tc of measuring span
• Standard variant < 0.4 bar: ≤ ± 0.2 % of measuring span / 10K
• Standard variant ≥ 0.4 bar: ≤ ± 0.2 % of measuring span / 10K
• Flush diaphragm variant (standard + hygienic): ≤ ± 0.2 % of measuring span / 10K
Adjustability: Zero / span
± 5 %
Measurement deviation
• ≤ 0.5 % of measuring span (2-point calibration)1.)
• ≤ 0.25 % of measuring span (Best Fit Straight Line, BFSL)1.)
Hysteresis
≤ 0.1 % of measuring span
Repeatability
≤ 0.1 % of measuring span
Response time
• Standard variant < 0.4 bar: ≤ 1 ms
• Standard variant ≥ 0.4 bar: ≤ 3 ms
• Flush diaphragm variant (standard + hygienic): ≤ 2 ms
Stability
Over 1 year
• Standard variant < 0.4 bar: ≤ ± 0.2 % of measuring span (at reference conditions)
• Standard variant ≥ 0.4 bar:
– ≤ ± 0.1 % of measuring span
– ≤ ± 0.2 % of measuring span (with special measuring ranges and measuring
ranges < 1 bar (15 psi))
• Flush diaphragm variant (standard + hygienic): ≤ ± 0.2 % of measuring span (at refer-
ence conditions)
Electrical data
Operating voltage [U]
• Standard variant < 0.4 bar: 10…30 V DC
• Standard variant ≥ 0.4 bar: 8…36 V DC
• Flush diaphragm variant (standard + hygienic): 10…30 V DC
• Filtered and regulated
• Connection to main supply: permanent (through external SELV (Safety Extra Low
Voltage) and LPS (Limited Power Source) power supply)
Power source (not supplied)
Limited power source according to UL/EN 60950-1 standards or limited energy circuit
according to UL/EN 61010-1 §9.4
DC reverse polarity protection
Yes
Overvoltage protection
Yes
Short circuit protection
Yes
Load
• Standard variant < 0.4 bar: ≤ (U [V] - 10 [V]) / 0.02 [A] (in Ω)
• Standard variant ≥ 0.4 bar: ≤ (U [V] - 7.5 [V]) / 0.023 [A] (in Ω)
• Flush diaphragm variant (standard + hygienic): ≤ (U [V] - 10 [V]) / 0.02 [A] (in Ω)
Output
Standard 4…20 mA, 2 wires
Media data
Fluid temperature
• Standard variant: - 30…+ 100 °C (- 22…+ 212 °F)
• Standard flush diaphragm variant: - 30…+ 100 °C (- 22…+ 212 °F)
• Hygienic flush diaphragm variant: - 20…+ 150 °C (- 4…+ 302 °F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com