Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Pressure transmitter for general applications, 0…25 bar
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Type 8325
10 | 13
Visit product website 
5.
Product accessories
Pressure transmitter with flush diaphragm can be installed via a process adapter with welding connection (e.g. for welding to tanks).
Measuring instrument and process adapter can be easily fastened or loosened with a wrench.
Accessory
Description
ø50
G1/2
Welding socket for pressure transmitter with flush diaphragm:
Standard variant with process connection G ½" B
Material: stainless steel 1.4435 (316L); UNS S31603
Surface roughness of wetted parts Ra < 0.4 μm
Nominal pressure PN 40
ø50
G 1
Welding socket for pressure transmitter with flush diaphragm:
Standard variant with process connection G 1" B
Material: stainless steel 1.4435 (316L); UNS S31603
Surface roughness of wetted parts Ra < 0.4 μm
Nominal pressure PN 40
G1
ø50
Welding socket for pressure transmitter with flush diaphragm:
Hygienic variant with process connection G 1" B
Material: stainless steel 1.4435 (316L); UNS S31603
Surface roughness of wetted parts Ra < 0.4 μm
Nominal pressure PN 40
6.
Networking and combination with other Bürkert products
Example:
–
–
–
Type 8325
Pressure transmitter
–
–
–
4…20 mA output signal
Type 8619 
multiCELL Transmitter/
Controller
Type 8611 
eCONTROL - Universal
controller on valve
Type 8802 
(2301 & 8693)
Control valve systems



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com