Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Pressure transmitter for general applications, 0…25 bar
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Type 8325
12 | 13
Visit product website 
Flush diaphragm variant (standard or hygienic) with process connection G ½" B or G 1" B
Pressure range
Pressure max
Power supply
Output signal
Article no.
[bar]
[bar]
[V DC]
[mA]
Standard
G ½" B
Standard
G 1" B
Hygienic
G 1" B
0…0.10
1
10…30
4…20
–
569485 
569478 
0…0.16
1.5
10…30
4…20
–
569486 
–
0…0.25
2
10…30
4…20
–
–
–
0…0.40
2
10…30
4…20
–
569487 
569479 
0…0.60
4
10…30
4…20
–
–
569480 
0…1.00
5
10…30
4…20
–
569488 
569481 
0…1.60
10
10…30
4…20
–
–
569482 
0…2.50
10
10…30
4…20
569489 
–
569483 
0…4.00
17
10…30
4…20
–
–
–
0…6.00
35
10…30
4…20
569490 
–
–
0…10.0
35
10…30
4…20
569491 
–
569484 
0…16.0
80
10…30
4…20
569492 
–
–
0…25.0
50
10…30
4…20
569493 
–
–
Further versions on request
Process connection
• EN837 G ¼" B
• DIN 3852-E G ½" A or G ¼" A
• ASME NPT ½", NPT ¼", etc.1.)
5
bar
0
Pressure
• Relative pressure: up to 1000 bar or 10000 PSI
• Absolute pressure: up to 40 bar or 500 PSI
Electrical connection
M12 connector, EN 175301-803 form C, cable
connection, etc.1.)
Additional
• Output signal 0…10 V DC, 0…5 V DC, etc.1.)
• Measurement deviation at 0.125 % BFSL (Best Fit
Straight Line)
1.) For other process, electrical connections or other output signal, please contact your local Bürkert office.
7.4. Ordering chart accessories
Weld-on socket
Note:
The following accessories are intended for flush diaphragm variant (standard or hygienic) with process connection G ½" B or G 1" B.
Description
Article no.
Weld-on socket for standard flush diaphragm variant with process connection G ½"
443295 
Weld-on socket for standard flush diaphragm variant with process connection G 1"
444137 
Weld-on socket for hygienic flush diaphragm variant with process connection G 1"
443296 
Seals
Note:
The following accessories are intended for flush diaphragm variant (hygienic) with process connection G 1" B.
Description
Article no.
O-ring, 21.82 x 3.53 in EPDM
562769
Sealing ring 29.7 x 35.7 x 2.0 in EPDM1.)2.)
566539
Sealing ring 35 x 2.5 in EPDM2.)3.)
573044
1.) For devices delivered before year 2019
2.) For devices purchased in the year 2019, please contact your Bürkert office or the E&C department in France in Triembach-au-Val 67220, to determine the appropriate seal
dimension to be ordered.
3.) For devices delivered after year 2019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com