Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 2 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Pressure transmitter for general applications, 0…25 bar
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 2 Page - Christian Bürkert GmbH & Co. KG

  8802 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Type 8325
2 | 13
Visit product website 
Table of contents
1. General technical data
3
2. Approvals
6
2.1. Pressure equipment directive ................................................................................................................................................6
Device used on a pipe ...........................................................................................................................................................6
Device used on a vessel ........................................................................................................................................................6
3. Materials
6
3.1. Chemical Resistance Chart – Bürkert resistApp....................................................................................................................6
4. Dimensions
7
4.1. Standard variant < 0.4 bar with process connection G ½" B.................................................................................................7
4.2. Standard variant ≥ 0.4 bar with process connection G ½" B.................................................................................................7
4.3. Standard variant ≥ 0.4 bar with process connection NPT ½" B ............................................................................................8
4.4. Standard flush diaphragm variant with process connection G ½" B.....................................................................................8
4.5. Standard flush diaphragm variant with process connection G 1" B......................................................................................9
4.6. Hygienic flush diaphragm variant with process connection G 1" B ......................................................................................9
5. Product accessories
10
6. Networking and combination with other Bürkert products
10
7. Ordering information
11
7.1. Bürkert eShop – Easy ordering and quick delivery..............................................................................................................11
7.2. Bürkert product filter............................................................................................................................................................11
7.3. Ordering chart......................................................................................................................................................................11
Standard variant with process connection G ½" B .............................................................................................................11
Standard variant with process connection NPT ½" B .........................................................................................................11
Flush diaphragm variant (standard or hygienic) with process connection G ½" B or G 1" B..............................................12
7.4. Ordering chart accessories..................................................................................................................................................12
Weld-on socket ...................................................................................................................................................................12
Seals ...................................................................................................................................................................................12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com