Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Pressure transmitter for general applications, 0…25 bar
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  8802 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Type 8325
5 | 13
Visit product website 
Process/Pipe connection & communication
Process connection
• Standard variant
– G ½" B (according to EN837)
– NPT ½" B (according to ANSI/ASME B1.20.1)
• Flush diaphragm variant
– G 1" B standard with O-ring (range up to 1.6 bar)
– G ½" B standard with O-ring (range up to > 1.6 bar)
– G 1" B hygienic variant (all ranges)
Electrical connection
4 pin cable plug according to EN 175301-803 form A
Approvals and certificates
Directives
CE directive
The applied standards, which verify conformity with the EU Directives, can be found on
the EU Type Examination Certificate and/or the EU Declaration of conformity (if applica-
ble)
Pressure equipment directive
Complying with article 4, paragraph 1 of 2014/68/EU directive
Detailed information on the pressure equipment directive can be found in chapter “2.1.
Pressure equipment directive” on page 6.
Environment and installation
Ambient temperature
Operation
• Standard variant < 0.4 bar: - 20…+ 80 °C (- 4…+ 176 °F)
• Standard variant ≥ 0.4 bar: - 30…+ 100 °C (- 4…+ 212 °F)
• Flush diaphragm variant (standard + hygienic): - 20…+ 80 °C (- 4…+ 176 °F)
Storage
• Standard variant < 0.4 bar: - 40…+ 100 °C (- 40…+ 212 °F)
• Standard variant ≥ 0.4 bar: - 40…+ 70 °C (- 40…+ 158 °F)
• Flush diaphragm variant (standard + hygienic): - 40…+ 100 °C (- 4…+ 212 °F)
Degree of protection according to IEC/
EN 60529
IP65 with device wired and with cable plug mounted and tightened
1.) Calibrated in vertical mounting position with pressure connection bottom.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com